Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L552VCT3PTR Datasheet(PDF) 118 Page - STMicroelectronics

No. de pieza STM32L552VCT3PTR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT3PTR Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32L552VCT3PTR Datasheet HTML 114Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 115Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 116Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 117Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 118Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 119Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 120Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 121Page - STMicroelectronics STM32L552VCT3PTR Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 340 page
background image
41
41
56
A6
57
A6
91
D6 134
41
41
57
91
D6 135
PB5
I/O
FT
_d
-
LPTIM1_IN1,
TIM3_CH2,
OCTOSPI1_NCLK,
I2C1_SMBA,
SPI1_MOSI,
SPI3_MOSI,
USART1_CK,
UART5_CTS/UART5_
NSS, TSC_G2_IO2,
COMP2_OUT,
SAI1_SD_B,
TIM16_BKIN,
EVENTOUT
UCPD1_DB1
42
42
57
C6
58
C6
92
A5
135
42
42
58
92
A5
136
PB6
I/O
FT
_fa
-
LPTIM1_ETR,
TIM4_CH1,
TIM8_BKIN2,
I2C1_SCL, I2C4_SCL,
USART1_TX,
TSC_G2_IO3,
SAI1_FS_B,
TIM16_CH1N,
EVENTOUT
COMP2_INP
Table 21. STM32L552xx pin definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32L552xxxxP
STM32L552xxxxQ
STM32L552xx