| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L552VCT3PTR Datasheet(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552VCT3PTR Datasheet(HTML) 102 Page - STMicroelectronics |
|
102 / 340 page ![]() - - - H4 - - 42K864 - - - 45 K8 67 PE14 I/O FT - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, OCTOSPI1_IO2, FMC_D11, EVENTOUT - - - - H3 - - 43 L8 65 - - - 46 L8 68 PE15 I/O FT - TIM1_BKIN, SPI1_MOSI, OCTOSPI1_IO3, FMC_D12, EVENTOUT - 21 21 28 J3 27 J4 44 K9 66 21 21 29 47 K9 69 PB10 I/O FT _f - TIM2_CH3, LPTIM3_OUT, I2C4_SCL, I2C2_SCL, SPI2_SCK, USART3_TX, LPUART1_RX, TSC_SYNC, OCTOSPI1_CLK, COMP1_OUT, SAI1_SCK_A, EVENTOUT - Table 21. STM32L552xx pin definitions (continued) Pin Number Alternate functions Additional functions STM32L552xxxxP STM32L552xxxxQ STM32L552xx |