Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L552VCT6PTR Datasheet(PDF) 208 Page - STMicroelectronics

No. de pieza STM32L552VCT6PTR
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT6PTR Datasheet(HTML) 208 Page - STMicroelectronics

Back Button STM32L552VCT6PTR Datasheet HTML 204Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 205Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 206Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 207Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 208Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 209Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 210Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 211Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 340 page
background image
Electrical characteristics
STM32L552xx
208/340
DS12737 Rev 6
AHB
(Cont)
HASH
3.91
3.64
2.74
3.44
µA/MHz
RNG AHB clock domain
2.44
2.27
NA
NA
RNG independent clock domain
4.55
6.12
NA
NA
SDMMC1 AHB clock domain
20.52
19.07
NA
NA
µA/MHz
SDMMC1 independent clock domain
4.92
6.63
NA
NA
FMC
11.17
10.39
7.82
9.90
OSPI1 AHB clock domain
10.77
10.00
7.61
9.57
OPSPI1 independent clock domain
0.12
0.11
0.04
1.00
ALL AHB peripherals
47.58
47.47
55.06
350.76
APB1
AHB to APB1 bridge
0.41
0.43
0.36
0.61
µA/MHz
TIM2
6.65
6.19
4.67
5.81
TIM3
5.46
5.08
3.82
4.75
TIM4
5.38
5.02
3.78
4.73
TIM5
6.92
6.47
4.86
6.08
TIM6
1.12
1.04
0.79
0.98
TIM7
1.24
1.16
0.86
0.98
RTCAPB
3.50
3.32
2.50
3.08
WWDG
0.58
0.52
0.40
0.48
SPI2
2.522.341.78
2.25
SPI3
2.392.221.69
2.16
USART2 APB clock domain
3.40
3.14
2.39
3.03
USART2 independent clock domain
6.41
5.99
4.50
5.53
USART3 APB clock domain
2.96
2.73
2.12
2.57
USART3 independent clock domain
6.96
6.49
4.86
6.09
UART4 APB clock domain
2.81
2.60
1.99
2.48
UART4 independent clock domain
5.59
5.26
3.95
4.85
UART5 APB clock domain
2.75
2.58
1.99
2.45
Table 82. Peripheral current consumption (continued)
Peripheral
Range 0
Range 1
Range 2
Low-power
run and
sleep
Unit