| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L552CCT6PTR Datasheet(PDF) 176 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCT6PTR Datasheet(HTML) 176 Page - STMicroelectronics |
|
176 / 340 page ![]() Table 56. Typical current consumption in Run mode with internal SMPS, with different codes running from SRAM1 Symbol Parameter Conditions TYP Unit TYP Unit - Voltage scaling Code 25°C 25°C IDD (Run) Supply current in Run mode fHCLK=fHSE up to 48 MHZ included, bypass mode PLL ON above 48 MHz all peripherals disabled Range2, LP fHCLK=26MHz Reduced code 1.89 mA 73 µA/MHz Coremark 1.9 73 Dhrystone2.1 1.94 75 Fibonacci 2.01 77 While 2.22 85 Range 1, HP fHCLK=80 MHz Reduced code 7.1 mA 89 µA/MHz Coremark 7.25 91 Dhrystone2.1 7.3 91 Fibonacci 7.6 95 While 8.51 106 Range 0, HP fHCLK= 110 MHz Reduced code 11.3 mA 103 µA/MHz Coremark 11.32 103 Dhrystone2.1 11.7 107 Fibonacci 12.3 112 While 13.9 126 |