Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTCG203JH472JT1 Datasheet(PDF) 1 Page - TDK Electronics

No. de pieza NTCG203JH472JT1
Descripción Electrónicos  Chip NTC Thermistors (Sensor)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG203JH472JT1 Datasheet(HTML) 1 Page - TDK Electronics

  NTCG203JH472JT1 Datasheet HTML 1Page - TDK Electronics NTCG203JH472JT1 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip NTC Thermistors (Sensor)
1 of 2
Creation Date : January 06, 2021 (GMT)
NTCG203JH472JT1
Applications
Commercial Grade
Features
125°C
125°C
UL
UL Certificate
Series
NTCG
Status
Production
Brand
TDK
Size
Length(L)
2.00mm ±0.20mm
Width(W)
1.25mm ±0.20mm
Thickness(T)
0.70mm ±0.20mm
Terminal Width(B)
0.20mm Min.
Recommended Land Pattern (PA)
1.05mm ±0.15mm
Recommended Land Pattern (PB)
0.80mm ±0.10mm
Recommended Land Pattern (PC)
1.05mm ±0.15mm
Electrical Characteristics
Resistance [at 25°C]
4.7kΩ
Resistance Tolerance
±5%
B value (Typ.) [25/50°C]
3392K
B value (Typ.) [25/85°C]
3450K
B value (Typ.) [25/100°C]
3468K
B value Tolerance
±3%
Max. Electric Power [at 25°C]
200mW
Permissive Operating Current [at 25°C]
650μA
Thermal Dissipation Constant [at 25°C]
2mW/°C | 2mW/K
Other
Max. Operating Temperature
125°C
Soldering Method
Reflow
UL File No.
E250289
AEC-Q200
No
Packing
Punched (Paper)Taping [180mm Reel]
Package Quantity
2000pcs
Weight
0.0072g
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Número de pieza similar - NTCG203JH472JT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
NTCG203JH472J TDK-NTCG203JH472J Datasheet
370Kb / 27P
   NTC Thermistors SMD
More results

Descripción similar - NTCG203JH472JT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104LH154JTDS TDK-NTCG104LH154JTDS Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG164BH222JTDS TDK-NTCG164BH222JTDS Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG203SH223JT1 TDK-NTCG203SH223JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103JH103HT1 TDK-NTCG103JH103HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG064BF473FTBX TDK-NTCG064BF473FTBX Datasheet
111Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG064BF473JTBX TDK-NTCG064BF473JTBX Datasheet
111Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104BF473JT1X TDK-NTCG104BF473JT1X Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104BH103JT1 TDK-NTCG104BH103JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com