Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M-1601 Datasheet(PDF) 3 Page - Moxa Inc.

No. de pieza M-1601
Descripción Electrónicos  Remote I/O modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOXA [Moxa Inc.]
Página de inicio  https://www.moxa.com/
Logo MOXA - Moxa Inc.

M-1601 Datasheet(HTML) 3 Page - Moxa Inc.

  M-1601 Datasheet HTML 1Page - Moxa Inc. M-1601 Datasheet HTML 2Page - Moxa Inc. M-1601 Datasheet HTML 3Page - Moxa Inc. M-1601 Datasheet HTML 4Page - Moxa Inc. M-1601 Datasheet HTML 5Page - Moxa Inc. M-1601 Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.moxa.com
3
Sensor Type
JPT100, JPT200, JPT500 (-200 to 640°C)
JPT1000 (-200 to 350°C)
NI100, NI50, NI500 (-60 to 250°C)
NI1000 (-60 to 150°C)
NI120 (-80 to 260°C)
CU10
Resolution
0.1°C or 0.1 ohms
Thermocouples
Millivolt Accuracy
±0.1% FSR @ 25°C
±0.3% FSR @ 0 and 60°C
Connector
Spring-type Euroblock terminal
Millivolt Type
±19.532 mV
±39.062 mV
±78.126 mV
Resolution
12-bit
0.1°C or 10 µV
Sensor Type
J, K, T, E, R, S, B, N
Input Impedance
500 kilo-ohms (min.)
Power Parameters
Power Connector
Spring-type Euroblock terminal
No. of Power Inputs
M-7001: 2
M-7002: 1
Input Voltage
M-7001: 24 VDC, 11 to 28.8 VDC
M-7002: 5/24/48 VDC, 110/220 VAC
Power Consumption
M-1450/1451/1800/1801: 35 mA @ 5 VDC
M-1600/1601: 40 mA @ 5 VDC
M-2450: 65 mA @ 5 VDC
M-2600/2601/2800/2801/3810/4402/4410: 60 mA @ 5 VDC
M-3802/6200/6201: 80 mA @ 5 VDC
Channels
M-7804: 8
M-7805: 8
Mode
M-7804: 0 VDC
M-7805: 24 VDC
Physical Characteristics
Housing
Plastic
Dimensions
14.1 x 99 x 70 mm (0.56 x 3.90 x 2.76 in)
Weight
Under 80 g
Installation
DIN-rail mounting
Wiring
I/O cable, 14 to 28 AWG
Environmental Limits
Operating Temperature
-10 to 60°C (14 to 140°F)
Storage Temperature (package included)
-40 to 85°C (-40 to 185°F)
Ambient Relative Humidity
5 to 95% (non-condensing)


Número de pieza similar - M-1601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
M-165051-10-8A MACOM-M-165051-10-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
M-165101-1-8A MACOM-M-165101-1-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
More results

Descripción similar - M-1601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crydom Inc.,
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
I/O Modules
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
I/O Modules
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
I/O modules
0.46_2021-08-25
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com