Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DP83TG720SWRHATQ1
Descripción Electrónicos  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 116 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 112Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 113Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 114Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 115Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 116Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 117Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 118Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 119Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 199 page
background image
7.6.2.59 SGMII_EEE_CTRL_1 Register (Address = 0x609) [reset = 0x6318]
SGMII_EEE_CTRL_1 is shown in Table 7-82.
Return to the Summary Table.
Table 7-82. SGMII_EEE_CTRL_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
15-11
cfg_tx_tr_timer_val
R/W
5b01100
10-6
cfg_tx_tq_timer_val
R/W
5b01100
5-1
cfg_tx_ts_timer_val
R/W
5b01100
0
cfg_support_non_eee_ma
c_sgmii_en
R/W
1b0
special mode to support non sgmii eee mac in eee mode in the phy
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
116
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated