Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DP83TG720SWRHATQ1 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DP83TG720SWRHATQ1
Descripción Electrónicos  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Datasheet(HTML) 104 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 100Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 101Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 102Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 103Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 104Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 105Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 106Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 107Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 199 page
background image
7.6.2.48 PMA_WATCHDOG Register (Address = 0x559) [reset = 0x51]
PMA_WATCHDOG is shown in Table 7-71.
Return to the Summary Table.
Table 7-71. PMA_WATCHDOG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-7
RESERVED
R
9b00000000
0
Reserved
6
cfg_pma_watchdog_force
_val
R/W
1b1
Force value for pma watchdog
5
cfg_pma_watchdog_force
_en
R/W
1b0
Enable forcing pma watchdog
4
cfg_ieee_watchdog_en
R/W
1b1
1 : watchdog counters are started after link up 0: TBD
1b0 = TBD
1b1 = watchdog counters are started after link up
3-0
cfg_watchdog_cnt_clr_th
R/W
4b0001
Number of 0, +1, -1 symbols to be seen in their respective watchdog
counter window to prevent them for asserting pma_watchdog_status
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
104
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated