Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CPS-MC341-ADSC1-111 Datasheet(PDF) 3 Page - Contec Co., Ltd

No. de pieza CPS-MC341-ADSC1-111
Descripción Electrónicos  Multi-Function Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONTEC [Contec Co., Ltd]
Página de inicio  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPS-MC341-ADSC1-111 Datasheet(HTML) 3 Page - Contec Co., Ltd

  CPS-MC341-ADSC1-111 Datasheet HTML 1Page - Contec Co., Ltd CPS-MC341-ADSC1-111 Datasheet HTML 2Page - Contec Co., Ltd CPS-MC341-ADSC1-111 Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ver.1.10
CPS-MC341-ADSC1-111, CPS-MC341-ADSC2-111
3
Physical Dimensions
CPS-MC341-ADSC1-111
CPS-MC341-ADSC2-111
Packing List
Product (One of the followings) …1
[CPS-MC341-ADSC1-111, CPS-MC341-ADSC2-111]
Product Guide … 1
Warranty Certificate …1
Serial NumberLabel …1
3-pin Connector(Power/Analog) …3
5-pin Connector(RS-422A/485)
CPS-MC341-ADSC1-111 …1, CPS-MC341-ADSC2-111 …2
10-pin Connector(Digital) …1
List of Option
DINrailmounting powersupply
CPS-PWD-15AW12-01:
DIN rail mountingpowersupply 15[w]
(Input: 100 -240VAC, output: 12VDC1.3 A)
SD card
SD-4GB-A:
SD card4GB
Magnet
CPS-MAG01-4:
Magnets forinstallation (FourPieceSet)
* Informationabouttheoptionproducts,seetheContec’swebsite.
Component Name
CPS-MC341-ADSC1-111
CPS-MC341-ADSC2-111
No.
Name
Function
1
Power Connector
This isaconnectorfor power.Usethe3-pinconnector includedinthe
package.
2
Debug Connector
Donotusethis.
3
SD CardSlot
Thisa slotfor inserting SDcard tostoredata.
4
USBPort
This isa TYPE-AUSBport.
5
RS-232CSerialPort
This isaRS-232Cserialport.(male)
6
LEDIndicator
This indicatesstatusoftheproduct.
7
ResetSwitch
Thisresets theproduct.
8
ShutdownSwitch
Thisshutsdowntheproduct.
9
DIPSwitch
This isusedforsystemsetupand RS-422A/485setup.
10 LAN Port
This isaconnectorfor LAN.
11 DigitalInput/Counter
Input/DigitalOutput
Connector
This isaconnectorfor digitalinput/counter input/digitaloutput.
(Usethe10-pinconnectorincluded inthepackage)
12 Analog InputConnector
This isaconnectorfor analoginput.
(Usethe3-pinconnectorincluded inthepackage)
13 RS-422A/485Connector
This isaconnectorfor RS-422A/485communication.
(Usethe5-pinconnectorincluded inthepackage)
188
170
(154)
4-φ3.5
LANA
12-24VDC
COMA
SD
LAN B
Isolated RS-422A/485
AI1
AI0
DI/CNT
+
+
+
+
DO0 DO1
COM B
USB
RS-232C
Half
Full
Half
Full
[mm]
188
170
(154)
4-φ3.5
SW3 SW4
COM C
Isolated RS-422A/485
LANA
12-24VDC
COMA
SD
LAN B
Isolated RS-422A/485
AI1
AI0
DI/CNT
+
+
+
+
DO0 DO1
COM B
USB
RS-232C
Half
Full
Half
Full
[mm]
SD
Iso lated R S - 422 A /48 5
C O M B
USB
R S -2 32C
COM A
AI1
AI0
DO1
DO0
DI/CNT
LAN B
LAN A
12-24VDC
1
2
3
4
5
6
SD
Iso l ated R S - 422 A /48 5
C O M B
USB
R S -2 32C
COM A
AI1
AI0
DO1
DO0
DI/CNT
LAN B
LAN A
12-24VDC
1
2
3
4
5
6
6


Número de pieza similar - CPS-MC341-ADSC1-111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Contec Co., Ltd
CPS-MC341-ADSC1-111 CONTEC-CPS-MC341-ADSC1-111 Datasheet
541Kb / 3P
   Signal Tower Monitoring
More results

Descripción similar - CPS-MC341-ADSC1-111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qualtek Electronics Cor...
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
   MULTI-FUNCTION MODULE
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
   MULTI-FUNCTION MODULE
762-18-003 QUALTEK-762-18-003 Datasheet
376Kb / 1P
   MULTI-FUNCTION MODULE
76218002 QUALTEK-76218002 Datasheet
835Kb / 1P
   MULTI-FUNCTION MODULE
766-32-001 QUALTEK-766-32-001 Datasheet
435Kb / 1P
   MULTI-FUNCTION MODULE
766-32-002 QUALTEK-766-32-002 Datasheet
435Kb / 1P
   MULTI-FUNCTION MODULE
764-00-003 QUALTEK-764-00-003 Datasheet
386Kb / 1P
   MULTI-FUNCTION MODULE
761-18-004 QUALTEK-761-18-004 Datasheet
377Kb / 1P
   MULTI-FUNCTION MODULE
763-00-001 QUALTEK-763-00-001 Datasheet
436Kb / 1P
   MULTI-FUNCTION MODULE
76118003 QUALTEK-76118003 Datasheet
854Kb / 1P
   MULTI-FUNCTION MODULE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com