Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CPS-MC341-ADSC1-111 Datasheet(PDF) 2 Page - Contec Co., Ltd

No. de pieza CPS-MC341-ADSC1-111
Descripción Electrónicos  Multi-Function Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONTEC [Contec Co., Ltd]
Página de inicio  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPS-MC341-ADSC1-111 Datasheet(HTML) 2 Page - Contec Co., Ltd

  CPS-MC341-ADSC1-111 Datasheet HTML 1Page - Contec Co., Ltd CPS-MC341-ADSC1-111 Datasheet HTML 2Page - Contec Co., Ltd CPS-MC341-ADSC1-111 Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver.1.10
CPS-MC341-ADSC1-111, CPS-MC341-ADSC2-111
2
Specifications
FunctionSpecifications
Item
CPS-MC341-ADSC1-111
CPS-MC341-ADSC2-111
CPU
ARMCortex-A8600MHz
Memory
OnBoard 512MBDDR3SDRAM
ROM
On-Board 32MBNORFlashforOS
LAN
Transmissionstandard
10BASE-T/100BASE-TX
Thenumberofchannels
2
Connector
RJ-45Connector
LED
Speed(Yellow),Link/Act(Green)
RS-422A/485
Transmissionscheme
Asynchronousserialtransmission(FullDuplex/HalfDuplex)
Thenumberofchannels
1
2
Isolation/Resistance
BusIsolation/500VDC(whensurgeprotectedpartsbetween
SG-FGareunimplemented)
Baud Rate
300bps -115.2kbps
Datalength
5, 6,7,8bit 1,1.5,2stopbit
Paritycheck
Even,Odd,Non-parity
Connector
2-piece3.5mmpitch5-pinterminal
(TX+,TX-,RX+,RX-,SG)
Applicablewire
AWG28-16
LED
Transmission(Yellow),Reception(Yellow)
Switch
DIPSwitch(FullDuplex/HalfDuplex,Terminator(ON/OFF))
Surgeprotectionelement
eachsignal-SG
InteractiveTVSdiode
Standoffvoltage:±13V,Peakpulsepower :400W(1msec)
Surgeprotectionelement
SG-FG
Gasdischargetubearrester
Dischargevoltage:±300V,impulsecurrenttolerance:
2000A(8/20μsec,10times)
USB
Transmissionstandard
USB2.0standardfollow
Thenumberofchannels
1
Connector
TYPE-A
SD cardslot
Standard
SD standardfollow
Connector
SD memorycard slot
LED
Read/Write(Yellow)
RS-232C
Baud Rate
300bps -115.2kbps
Isolation/Resistance
Non-isolated
Datalength
5, 6,7,8bit 1,1.5,2stopbit
Paritycheck
Even,Odd,Non-parity
Thenumberofchannels
1
Connector
9-pinD-SUBconnector(Male)
LED
Transmission(Yellow),Reception(Yellow)
Digitalinput/
Counter input
Inputtype
Opto-coupler IsolationInput(Compatiblewithcurrentsink
outputand currentsourceoutput)(negativelogic) *1
Isolation/Resistance
BusIsolation/500VDC,Opto-couplerIsolation/1000V
Built-inpowersupply
12VDC
Inputresistance
5.6kΩ
InputONcurrent
1.6mAormore
InputOFFcurrent
0.16mAorless
Responsetime
Within200μsec *2
Interrupt(Digitalinput)
4interruptinputsignalsarearranged intoasingleoutputof
interruptsignal.Aninterruptisgeneratedatthefallingedge
(HIGH-to-LOWtransition)orrising edge(LOW-to-HIGH
transition).(settingcanbedonebysoftware)
Thenumberofchannels
4(Itispossibleto allocate2channels tocounterinput)
Counttype
Upcount
Max.count
FFFFFFH(binarydata)
Counterresponsespeed
1kHz(Max.),Duty:50%(Max.)
Interrupt(Counter input)
Oneinterruptcauseduponchannelcountmatch
Timer
None
LED
DI0-DI3(Yellow)
Surgeprotectionelement
eachsignalto B_COM
InteractiveTVSdiode
Standoffvoltage:±30V,Peakpulsepower :400W(1msec)
Digitaloutput
Outputtype
Semiconductorrelayoutput
Isolation/Resistance
Semiconductorrelayisolation/1000V
Maximumoutputvoltage/
current
26.4VAC/VDC/100mA
Responsetime
Within2msec
ONresistance
8Ωor less(at25℃)
OFFleakagecurrent
4μAor less(at25℃)
Item
CPS-MC341-ADSC1-111
CPS-MC341-ADSC2-111
Thenumberofchannels
2
LED
DO0-DO1(Yellow)
Surgeprotectionelement
+to -
InteractiveTVSdiode
Standoffvoltage:±30V,Peakpulsepower :400W(1msec)
Digitalinput/
Counter input/
Digitaloutput
Connector
2-piece3.5mmpitch10-pinterminal
(DI_ACOM,DI0,DI1,DI2,DI3,DI_BCOM,DO0+,
DO0-,DO1+,DO1-)
Applicablewire
AWG28-16
Analog input
Inputtype
CurrentInput
Inputrange
0-20mA
Maximum inputrating
30mA
Inputimpedance
250Ω
Thenumberofchannels
DifferentialInput2ch
Channelswitchingrate
3msec/ch(Max.) *3
Conversionrate
Thesamplingintervaldiffersbythesoftwareprogrammedby
theuser.
Databuffer
None
Resolution
12bit
Non-Linearityerror*4
±10LSB
Isolation/Resistance
BusIsolation/500VDC,Inter ChannelIsolation/200V
Connector
2-piece3.5mmpitch3-pinterminal(AI+,AI-,AG)
Applicablewire
AWG28-16
LED
AI0-AI1(Yellow)
LED
Power(Green)/Status 1(Green)/Status 2(Red)
Switch
ResetSW,ShutDownSW,FullDuplex/HalfDuplexSwitching
SW
RTC
RTCbuilt-in(batterynotequipped)
Powersupply*5 Ratedinputvoltage
12-24VDC
Inputvoltagerange
10.8-30VDC
Powerconsumption
12V 0.8A(Max.),24V 0.4A(Max.)
Connector
2-piece3.5mmpitch3-pinterminal(V+,V-,FG)
Applicablewire
AWG24-16
Surgeprotectionelement
V+-V-,V--FG
InteractiveTVSdiode
Standoffvoltage:±30V,Peakpulsepower :400W(1msec)
Physicaldimensions(mm)
188.0(W)×78.0(D)×30.5(H)(No projectionincluded)
Weight
250g
Installationmethod
Quickmounting onthe35mmDINrail,Mountingonthewall
using thescrews *6
OS
Linuxkernel3.2
*1Data0corresponds to Highleveland Data1corresponds toLowlevel.
*2ResponsetimeofOpto-coupler
*3Switching timeofInter Channel
*4Thenon-linearityerror means anerrorofapproximately0.07%occursover themaximumrange
at-20°Cand +60°Cambienttemperature.
*5Usepowercablewithin3meters.
*6 Commercialscrewsarerequired(fitinto φ3.5hole).
InstallationEnvironmentRequirements
Item
CPS-MC341-ADSC1-111,CPS-MG341-ADSC1-111
Operating ambienttemperature
-20-+60°C*7
Operating ambienthumidity
10-90%RH(Nocondensation)
Non-operatingambienttemperature -20-+60°C
Non-operatingambienthumidity
10-90%RH(Nocondensation)
Floatingdustparticles
Nottobeexcessive
Corrosivegases
None
Line-noise
resistance
Linenoise
ACLine/±2kV *8
SignalLine/±1kV(IEC61000-4-4Level3,EN61000-4-4Level3)
Staticelectricity
resistance
Touch/±4kV(IEC61000-4-2Level2,EN61000-4-2Level2)
Air/±8kV(IEC61000-4-2Level3,EN61000-4-2Level3)
Vibration
resistance
Sweep resistance 10-57Hz*9/semi-amplitudevibration0.15mm,
57-150Hz/2.0G
40minutes eachinX,Y,and Zdirections(JISC60068-2-6-compliant,
IEC60068-2-6-compliant)
Shockresistance
15Ghalf-sineshockfor 11ms inX,Y,and Zdirections
(JISC60068-2-27–compliant,IEC60068-2-27-compliant)
Grounding
ClassDgrounding (previousclass 3grounding),SG-FG/non-conduction
Standard
VCCI ClassA,FCCClassA,
CE Marking (EMCDirectiveClass A,RoHSDirective),UL
*7IfyouusetheUSBwithbuspower,operatetheproductatbetween-20and+55°C.
*8WhenyouusetheCPS-PWD15AW12-01(optionalproduct).
*9Whenyouuseanoptionalpowerproduct:10-55Hz(Seethemanualofoptionalpowerproductfordetails)


Número de pieza similar - CPS-MC341-ADSC1-111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Contec Co., Ltd
CPS-MC341-ADSC1-111 CONTEC-CPS-MC341-ADSC1-111 Datasheet
541Kb / 3P
   Signal Tower Monitoring
More results

Descripción similar - CPS-MC341-ADSC1-111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qualtek Electronics Cor...
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
   MULTI-FUNCTION MODULE
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
   MULTI-FUNCTION MODULE
762-18-003 QUALTEK-762-18-003 Datasheet
376Kb / 1P
   MULTI-FUNCTION MODULE
76218002 QUALTEK-76218002 Datasheet
835Kb / 1P
   MULTI-FUNCTION MODULE
766-32-001 QUALTEK-766-32-001 Datasheet
435Kb / 1P
   MULTI-FUNCTION MODULE
766-32-002 QUALTEK-766-32-002 Datasheet
435Kb / 1P
   MULTI-FUNCTION MODULE
764-00-003 QUALTEK-764-00-003 Datasheet
386Kb / 1P
   MULTI-FUNCTION MODULE
761-18-004 QUALTEK-761-18-004 Datasheet
377Kb / 1P
   MULTI-FUNCTION MODULE
763-00-001 QUALTEK-763-00-001 Datasheet
436Kb / 1P
   MULTI-FUNCTION MODULE
76118003 QUALTEK-76118003 Datasheet
854Kb / 1P
   MULTI-FUNCTION MODULE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com