Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CPS-MC341-ADSC1-111 Datasheet(PDF) 1 Page - Contec Co., Ltd

No. de pieza CPS-MC341-ADSC1-111
Descripción Electrónicos  Multi-Function Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONTEC [Contec Co., Ltd]
Página de inicio  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

CPS-MC341-ADSC1-111 Datasheet(HTML) 1 Page - Contec Co., Ltd

  CPS-MC341-ADSC1-111 Datasheet HTML 1Page - Contec Co., Ltd CPS-MC341-ADSC1-111 Datasheet HTML 2Page - Contec Co., Ltd CPS-MC341-ADSC1-111 Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver.1.10
CPS-MC341-ADSC1-111, CPS-MC341-ADSC2-111
1
CONPROSYS Series
Multi-Function Module
CPS-MC341-ADSC1-111 (RS422/4851chtype)
CPS-MC341-ADSC2-111 (RS422/485 2chtype)
*Thephotograph is a CPS-MC341-ADSC1-111.
* Specifications,color and design of theproducts are subjecttochange
withoutnotice.
This product is aM2M controller with isolatedRS-422A/485, isolated
digital input/output,isolated counterinput, inter-channelisolated analog
input, RS-232C, and LAN interface. It is equipped withthe
ARM®Cortex®-A8 processor (600MHz) and the512MB DDR3-SDRAM
systemmemory. On-board NOR-FLASHis utilized for a booting device.
With theCONPROSYSseries, datacan becollected from various types of
facilities and managed themall centrally.
All theprocesses fromdevelopmentto operation canbe performed on a
web browser.The functions suchasWebmonitoring of I/O information,
alarmprocessing by I/Oinformation, task divergenceenable you to
create a Cloud Systemat low cost and ina shorttime..
* Thecontentsinthis documentare subjectto changewithoutnotice.
* Visit theCONTECwebsite to checkthelatest details inthe document.
* Theinformation inthedata sheets is as of Sepember, 2019.
Hardware features
Compactdesign
Compact design, 188.0(W) x 78.0(D) x 30.5(H), features flexibility in
installation.
Adaptabletoa temperaturerangebetween -20 and +60°C
Theproductis capable of operating inthetemperaturebetween-20 and
+ 60°C. It canbe installed inthevariousenvironments.
EthernetHub functionwithin
Use theproduct as EthernetHub so that youcanconnectdevices inthe
daisy-chain.
Apowerful running platformwithoutfan
TheproductcontainstheARM®Cortex®-A8 processor (600MHz) and
theDDR3 512MB system memory.
Decrease malfunctionsor damagesbybus isolation and surge
protection(RS-422A/485,digital/counterinput)
Electrical isolation between theRS-422A/485 and theCPU, as well as
between thedigital/counter inputand CPU canblockelectrical noise
flow.Moreover, thesurgeprotectionelementsareused for signal line
and on top of that, theRS-422A/485 is protected with the
communicationICthat canwithstand ±70V inputvoltage, which reduces
malfunctions or damages bysurge.
Decrease malfunctionsor damagesbybus isolation, inter-channel
isolationand surge protection(AnalogInput)
Electric isolationis provided between analog inputand channelas well as
betweenanalog input andCPU.This allows signals with differentground
levels to be inputtothechannels. In addition,the surge protection
elements are usedfor signal lines, whichreducesmalfunctionsor
damages by surge.
Capableof adaptinga wide-rangepower (12- 24VDC)
Theproductis capable of dealing with a wide rangeof power in the
differingenvironments.Power connector also has aFG terminal.
Easyinstallation with screwsor on DIN rail
This productcan be installed onthe wall with screws or onDIN rail with
simple mounting.
Installationwith twopieces ofterminal support
Theterminalconnectorcan be removed withouta screwdriver. Even
whena malfunction occurs,this productcan be replaced ina short
length of time.
Equipped withLED foran operation check
TheproducthasLED for an operationcheck,whichhelps youvisually
confirm thecommunication status of each interface.
No electrolytic capacitoror primarybattery
Neither anelectrolyticcapacitor, whichhas a limited life, nor a primary
battery is used. TheContecis creatingthe productwith a longer life.
With nouse of electrolytic capacitorandprimary battery
Neither anelectrolyticcapacitor, which has a limited life, nor a primary
battery is used. Wearecreating theproduct with a longer life.
Software features
Measurement andupload
CPS-MC341-ADSC1-111 measures data with an externalsensor and
uploadsthemto theCloud server.
Webmonitoring
Theproductcontains aWebserver.EvenwiththePC located remotely,
I/O informationcan bemonitored and updated througha Webbrowser.
On themonitoring screen,the standard GUI parts (graphic, slider, button,
etc.)can be freely arranged.
All operations includingmonitoring layout,making relations with I/O
information,can be achieved through a Webbrowser.
Webtask script
By combining icons suchas arithmeticoperations,conditional branching,
data outputting, youcan setup theexecutions or its processes like
drawing themintheflowchart.All operations canbe completedthrough
a Webbrowser.
Message communicationfunction
With theRS-232C, theRS-422A/RS-485 or the Ethernetdevice
(TCP/UDP),up to 10 links canbe set to send or receive messages.
Message communication can be accomplishedfromWebtask script.


Número de pieza similar - CPS-MC341-ADSC1-111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Contec Co., Ltd
CPS-MC341-ADSC1-111 CONTEC-CPS-MC341-ADSC1-111 Datasheet
541Kb / 3P
   Signal Tower Monitoring
More results

Descripción similar - CPS-MC341-ADSC1-111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qualtek Electronics Cor...
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
   MULTI-FUNCTION MODULE
755-00-28 QUALTEK-755-00-28 Datasheet
367Kb / 1P
   MULTI-FUNCTION MODULE
762-18-003 QUALTEK-762-18-003 Datasheet
376Kb / 1P
   MULTI-FUNCTION MODULE
76218002 QUALTEK-76218002 Datasheet
835Kb / 1P
   MULTI-FUNCTION MODULE
766-32-001 QUALTEK-766-32-001 Datasheet
435Kb / 1P
   MULTI-FUNCTION MODULE
766-32-002 QUALTEK-766-32-002 Datasheet
435Kb / 1P
   MULTI-FUNCTION MODULE
764-00-003 QUALTEK-764-00-003 Datasheet
386Kb / 1P
   MULTI-FUNCTION MODULE
761-18-004 QUALTEK-761-18-004 Datasheet
377Kb / 1P
   MULTI-FUNCTION MODULE
763-00-001 QUALTEK-763-00-001 Datasheet
436Kb / 1P
   MULTI-FUNCTION MODULE
76118003 QUALTEK-76118003 Datasheet
854Kb / 1P
   MULTI-FUNCTION MODULE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com