| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
XRT7250 Datasheet(PDF) 434 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Datasheet(HTML) 434 Page - Exar Corporation |
|
434 / 463 page ![]() áç áç áç áç XRT7250 DS3/E3 FRAMER IC REV. 1.1.1 415 11 FA2 Byte - Bit 4 12 FA2 Byte - Bit 3 13 FA2 Byte - Bit 2 14 FA2 Byte - Bit 1 15 FA2 Byte - Bit 0 16 EM Byte - Bit 7 17 EM Byte - Bit 6 18 EM Byte - Bit 5 19 EM Byte - Bit 4 20 EM Byte - Bit 3 21 EM Byte - Bit 2 22 EM Byte - Bit 1 23 EM Byte - Bit 0 24 TR Byte - Bit 7 25 TR Byte - Bit 6 26 TR Byte - Bit 5 27 TR Byte - Bit 4 28 TR Byte - Bit 3 29 TR Byte - Bit 2 30 TR Byte - Bit 1 31 TR Byte - Bit 0 32 MA Byte - Bit 7 33 MA Byte - Bit 6 34 MA Byte - Bit 5 35 MA Byte - Bit 4 36 MA Byte - Bit 3 37 MA Byte - Bit 2 38 MA Byte - Bit 1 39 MA Byte - Bit 0 40 NR Byte - Bit 7 TABLE 88: THE RELATIONSHIP BETWEEN THE NUMBER OF RISING CLOCK EDGES IN RXOHCLK, (SINCE RXOHFRAME WAS LAST SAMPLED "HIGH") TO THE E3 OVERHEAD BIT, THAT IS BEING OUTPUT VIA THE RXOH OUTPUT PIN NUMBER OF RISING CLOCK EDGES IN RXOHCLK THE OVERHEAD BIT BEING OUTPUT BY THE XRT7250 |