| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
XRT7250 Datasheet(PDF) 401 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Datasheet(HTML) 401 Page - Exar Corporation |
|
401 / 463 page ![]() XRT7250 áç áç áç áç DS3/E3 FRAMER IC REV. 1.1.1 382 6.2.6 Transmit Section Interrupt Processing The Transmit Section of the XRT7250 can generate an interrupt to the Microprocessor/Microcontroller for the following reasons. • Completion of Transmission of LAPD Message 6.2.6.1 Enabling Transmit Section Interrupts As mentioned in Section 36, the Interrupt Structure, within the XRT7250 contains two hierarchical levels: • Block Level • Source Level The Block Level The Enable State of the Block Level for the Transmit Section Interrupts dictates whether or not interrupts (enabled) at the source level, are actually enabled. The user can enable or disable these Transmit Sec- tion interrupts, at the Block Level by writing the appro- priate data into Bit 1 (Tx DS3/E3 Interrupt Enable) within the Block Interrupt Enable register (Address = 0x04), as illustrated below. FIGURE 183. WAVEFORM/TIMING RELATIONSHIP BETWEEN TXLINECLK, TXPOS AND TXNEG - TXPOS AND TXNEG ARE CONFIGURED TO BE UPDATED ON THE RISING EDGE OF TXLINECLK TxLineClk TxPOS TxNEG t32 t30 t33 FIGURE 184. WAVEFORM/TIMING RELATIONSHIP BETWEEN TXLINECLK, TXPOS AND TXNEG - TXPOS AND TXNEG ARE CONFIGURED TO BE UPDATED ON THE FALLING EDGE OF TXLINECLK TxLineClk TxPOS TxNEG t31 t32 t33 |