Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FD-4030-12A-C2-C Datasheet(PDF) 10 Page - Cyntec Co., Ltd.

No. de pieza FD-4030-12A-C2-C
Descripción Electrónicos  FUSE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYNTEC [Cyntec Co., Ltd.]
Página de inicio  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

FD-4030-12A-C2-C Datasheet(HTML) 10 Page - Cyntec Co., Ltd.

Back Button FD-4030-12A-C2-C Datasheet HTML 2Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 3Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 4Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 5Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 6Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 7Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 8Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 9Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 10Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DOCUMENT
: FD403012A-C
REVISION
: A3
10
FD-4030-12A-(C1~C4)-C
Other Information :
Soldering iron method
Bit temperature: 300  5℃
Application of soldering iron: 3 seconds MAX
Apply the soldering iron to the electrode.
The specimen shall be stored at standard atmospheric condition for 24h, after which
the measurements shall be made. Do not suggest products for re-work.
Product storage conditions
This product should be dark and at ambient temperature is less than 40℃ or relative
humidity less than 60% RH place, in the above storage conditions the storage period
of 6 months.
Precautions on use
Avoid contact with the resin film with this product, its resin may seep into the
product, so the product does not apply to the resin material relevance, its properties
can’t be fully guaranteed.


Número de pieza similar - FD-4030-12A-C2-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyntec Co., Ltd.
FD-4030-15A-C1-C CYNTEC-FD-4030-15A-C1-C Datasheet
1,002Kb / 10P
FUSE
FD-4030-15A-C2-C CYNTEC-FD-4030-15A-C2-C Datasheet
1,002Kb / 10P
FUSE
FD-4030-15A-C3-C CYNTEC-FD-4030-15A-C3-C Datasheet
1,002Kb / 10P
FUSE
FD-4030-15A-C4-C CYNTEC-FD-4030-15A-C4-C Datasheet
1,002Kb / 10P
FUSE
FD-4030-15A-C5-C CYNTEC-FD-4030-15A-C5-C Datasheet
1,002Kb / 10P
FUSE
More results

Descripción similar - FD-4030-12A-C2-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Shanghai Leiditech Elec...
LM5N1500AP LEIDITECH-LM5N1500AP Datasheet
761Kb / 5P
FUSE
logo
Cyntec Co., Ltd.
FR-9550-30A-C01-B CYNTEC-FR-9550-30A-C01-B Datasheet
1Mb / 11P
FUSE
FC-5432-10A-C1-C CYNTEC-FC-5432-10A-C1-C Datasheet
1Mb / 10P
FUSE
FC-5432-12A-C1-C CYNTEC-FC-5432-12A-C1-C Datasheet
1Mb / 10P
FUSE
FD-4030-15A-C1-C CYNTEC-FD-4030-15A-C1-C Datasheet
1,002Kb / 10P
FUSE
logo
PHOENIX CONTACT
3062773 PHOENIX-3062773 Datasheet
58Kb / 3P
Fuse - FUSE 10,3X85 20A PV
09/12/2020
2908366 PHOENIX-2908366 Datasheet
55Kb / 2P
Fuse - FUSE 25A/32V ATOF
12/24/2021
2903384 PHOENIX-2903384 Datasheet
57Kb / 3P
Fuse - FUSE-10X38-20A-GR
09/12/2020
logo
Cyntec Co., Ltd.
FC-5432-15A-C1-C CYNTEC-FC-5432-15A-C1-C Datasheet
1Mb / 10P
FUSE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com