Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FD-4030-12A-C2-C Datasheet(PDF) 5 Page - Cyntec Co., Ltd.

No. de pieza FD-4030-12A-C2-C
Descripción Electrónicos  FUSE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYNTEC [Cyntec Co., Ltd.]
Página de inicio  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

FD-4030-12A-C2-C Datasheet(HTML) 5 Page - Cyntec Co., Ltd.

  FD-4030-12A-C2-C Datasheet HTML 1Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 2Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 3Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 4Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 5Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 6Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 7Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 8Page - Cyntec Co., Ltd. FD-4030-12A-C2-C Datasheet HTML 9Page - Cyntec Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DOCUMENT
: FD403012A-C
REVISION
: A3
5
FD-4030-12A-(C1~C4)-C
Reliability
Test Item
Condition of Test
Requirements
Carrying capacity
(UL248-14)
100% of rated current, 4hr
Without melting
Temperature Rise
(UL248-14)
100% of rated current, measure of
surface temperature.
T < 75℃
Fusing time
(UL248-14)
200% rated current;
C1、C3、C4 : 6W~39W shall be
applied to heater.
C2 : 6W~40W shall be applied to
heater.
Clearing time < 1 min
Interrupting Ability
After the fuse is interrupted, rated
voltage applied for 30sec again.
No mechanical damages
Residual Resistance
(UL248-14)
Measure DC resistance after fusing.
> 10kΩ
Solderability
(JEDEC J-STD-020D)
Temperature of Solder: 245  5℃
Immersion Duration: 3  0.5 second
Refer to JIS C 5201-1 4.17
Uniform coating of solder
cover minimum of 95%
surface being immersed
High Temperature Exposure
(JESD22-A103C)
Kept at 100℃ for 1,000 hours.
R:  10%
Without distinct damage
in appearance
Thermal Shock
(JESD22-A104C)
-55℃/25℃/125℃/25℃, 100 cycles.
R < 10%
Without distinct damage
in appearance
Current Rush Withstand 80A-10ms-On, 9990ms-Off, 500cycle. No fusing


Número de pieza similar - FD-4030-12A-C2-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cyntec Co., Ltd.
FD-4030-15A-C1-C CYNTEC-FD-4030-15A-C1-C Datasheet
1,002Kb / 10P
FUSE
FD-4030-15A-C2-C CYNTEC-FD-4030-15A-C2-C Datasheet
1,002Kb / 10P
FUSE
FD-4030-15A-C3-C CYNTEC-FD-4030-15A-C3-C Datasheet
1,002Kb / 10P
FUSE
FD-4030-15A-C4-C CYNTEC-FD-4030-15A-C4-C Datasheet
1,002Kb / 10P
FUSE
FD-4030-15A-C5-C CYNTEC-FD-4030-15A-C5-C Datasheet
1,002Kb / 10P
FUSE
More results

Descripción similar - FD-4030-12A-C2-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Cyntec Co., Ltd.
FC-5432-10A-C1-C CYNTEC-FC-5432-10A-C1-C Datasheet
1Mb / 10P
FUSE
FC-5432-12A-C1-C CYNTEC-FC-5432-12A-C1-C Datasheet
1Mb / 10P
FUSE
FC-5432-15A-C1-C CYNTEC-FC-5432-15A-C1-C Datasheet
1Mb / 10P
FUSE
FD-4030-15A-C1-C CYNTEC-FD-4030-15A-C1-C Datasheet
1,002Kb / 10P
FUSE
FR-9550-30A-C01-B CYNTEC-FR-9550-30A-C01-B Datasheet
1Mb / 11P
FUSE
logo
Shanghai Leiditech Elec...
LM5N1500AP LEIDITECH-LM5N1500AP Datasheet
761Kb / 5P
FUSE
logo
PHOENIX CONTACT
2903384 PHOENIX-2903384 Datasheet
57Kb / 3P
Fuse - FUSE-10X38-20A-GR
09/12/2020
3062773 PHOENIX-3062773 Datasheet
58Kb / 3P
Fuse - FUSE 10,3X85 20A PV
09/12/2020
2908366 PHOENIX-2908366 Datasheet
55Kb / 2P
Fuse - FUSE 25A/32V ATOF
12/24/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com