Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSNU-16-160-PPV-A Datasheet(PDF) 1 Page - Festo Corporation.

No. de pieza DSNU-16-160-PPV-A
Descripción Electrónicos  ISO cylinder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FESTO [Festo Corporation.]
Página de inicio  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

DSNU-16-160-PPV-A Datasheet(HTML) 1 Page - Festo Corporation.

  DSNU-16-160-PPV-A Datasheet HTML 1Page - Festo Corporation. DSNU-16-160-PPV-A Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO cylinder
DSNU-16-160-PPV-A
Part number: 19234
Data sheet
Feature
Value
Maritime classification
See certificate
Stroke
160 mm
Piston diameter
16 mm
Piston rod thread
M6
Type code
DSNU
Cushioning
Pneumatic cushioning, adjustable at both ends
Mounting position
Any
Conforms to standard
CETOP RP 52 P
ISO 6432
Piston rod end
External thread
Design
Piston
Piston rod
Cylinder barrel
Position sensing
For proximity sensor
Symbol
00991235
Variants
Piston rod at one end
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.15 J
Cushioning length
12 mm
Theoretical force at 6 bar, retracting
103.7 N
Theoretical force at 6 bar, advancing
120.6 N
Moving mass at 0 mm stroke
23 g
Additional weight per 10 mm stroke
4.6 g
Basic weight with 0 mm stroke
89.9 g
Additional moving mass per 10 mm stroke
2 g
Type of mounting
With accessories
Pneumatic connection
M5
Note on materials
RoHS-compliant
Cover material
Plain anodized
Wrought aluminum alloy
Seals material
TPE-U(PU)
NBR
3/25/20 - Subject to change - Festo AG & Co. KG
1/2


Número de pieza similar - DSNU-16-160-PPV-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Festo Corporation.
DSNU-16-160-PPS-A FESTO-DSNU-16-160-PPS-A Datasheet
38Kb / 2P
   ISO cylinder
More results

Descripción similar - DSNU-16-160-PPV-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Festo Corporation.
DSNU-16-80-PPV-A FESTO-DSNU-16-80-PPV-A Datasheet
42Kb / 2P
   ISO cylinder
DSNU-20-25-PPS-A FESTO-DSNU-20-25-PPS-A Datasheet
46Kb / 2P
   ISO cylinder
DSNU-20-150-P-A FESTO-DSNU-20-150-P-A Datasheet
39Kb / 2P
   ISO cylinder
DSNU-20-70-P-A FESTO-DSNU-20-70-P-A Datasheet
84Kb / 2P
   ISO cylinder
DSNU-25-25-P-A FESTO-DSNU-25-25-P-A Datasheet
88Kb / 2P
   ISO cylinder
DSNU-25-25-PPV-A FESTO-DSNU-25-25-PPV-A Datasheet
90Kb / 2P
   ISO cylinder
DSNU-25-30-P-A FESTO-DSNU-25-30-P-A Datasheet
88Kb / 2P
   ISO cylinder
DSNU-20-30-P-A FESTO-DSNU-20-30-P-A Datasheet
87Kb / 2P
   ISO cylinder
DSNU-25-100-PPV-A FESTO-DSNU-25-100-PPV-A Datasheet
86Kb / 2P
   ISO cylinder
DSNU-25-150-PPV-A FESTO-DSNU-25-150-PPV-A Datasheet
84Kb / 2P
   ISO cylinder
DSNU-8-100-P-A FESTO-DSNU-8-100-P-A Datasheet
79Kb / 2P
   ISO cylinder
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com