| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST7FDALIF2M6 Datasheet(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7FDALIF2M6 Datasheet(HTML) 127 Page - STMicroelectronics |
|
127 / 141 page ![]() ST7DALI 127/141 14 PACKAGE CHARACTERISTICS 14.1 PACKAGE MECHANICAL DATA Figure 94. 20-Pin Plastic Small Outline Package, 300-mil Width Dim. mm inches Min Typ Max Min Typ Max A 2.35 2.65 0.093 0.104 A1 0.10 0.30 0.004 0.012 B 0.33 0.51 0.013 0.020 C 0.23 0.32 0.009 0.013 D 12.60 13.00 0.496 0.512 E 7.40 7.60 0.291 0.299 e 1.27 0.050 H 10.00 10.65 0.394 0.419 h 0.25 0.75 0.010 0.030 α 0° 8° 0° 8° L 0.40 1.27 0.016 0.050 Number of Pins N 20 EH A A1 B e D c h x 45× L a |