Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

N280-05M-GN Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

No. de pieza N280-05M-GN
Descripción Electrónicos  SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU5M Compatible, Green, 5M (16-ft.)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N280-05M-GN Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N280-05M-GN Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N280-05M-GN Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N280-05M-GN Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Package Includes
5 m. (16 ft.) Green 24Awg SFP+
High Speed Passive Copper
10Gbps Cable
q
OVERVIEW
UPC Code
037332178220
INPUT
Cable Length (ft.)
16.4
Cable Length (m)
5
PHYSICAL
Wire Gauge (AWG)
24
Shipping Dimensions (hwd / in.)
17.00 x 14.00 x 0.50
Shipping Dimensions (hwd / cm)
43.18 x 35.56 x 1.27
Shipping Weight (lbs.)
0.73
Shipping Weight (kg)
0.33
Color
Green
CONNECTIONS
Side A - Connector 1
SFP+ (MALE)
Side B - Connector 1
SFP+ (MALE)
FEATURES & SPECIFICATIONS
Technology
SFP+/QSPP+/QSFP28
CERTIFICATIONS
Certifications
RoHS compliant
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 3


Número de pieza similar - N280-05M-GN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
N280-05M-BK TRIPPLITE-N280-05M-BK Datasheet
158Kb / 3P
   SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU5M Compatible, Black, 5M (16-ft.)
More results

Descripción similar - N280-05M-GN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
N280-05M-BK TRIPPLITE-N280-05M-BK Datasheet
158Kb / 3P
   SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU5M Compatible, Black, 5M (16-ft.)
N280-005-BK TRIPPLITE-N280-005-BK Datasheet
156Kb / 3P
   SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU1-5M Compatible, Black, 1.5M (5-ft.)
logo
ATGBICS by Approved Tec...
SFP-H10GB-CU5M-C ATGBICS-SFP-H10GB-CU5M-C Datasheet
152Kb / 3P
   SFP-H10GB-CU5M Cisco Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
logo
Tripp Lite. All Rights ...
N280-008-BK TRIPPLITE-N280-008-BK Datasheet
158Kb / 3P
   SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU2-5M, Black, 2.5M (8-ft.)
N280-01M-GN TRIPPLITE-N280-01M-GN Datasheet
158Kb / 3P
   SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU1M Compatible, Green, 1M (3-ft.)
N280-03M-GN TRIPPLITE-N280-03M-GN Datasheet
158Kb / 3P
   SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU3M Compatible, Green, 3M (10-ft.)
logo
ATGBICS by Approved Tec...
SFP-H10GB-CU5M-HW-C ATGBICS-SFP-H10GB-CU5M-HW-C Datasheet
152Kb / 3P
   SFP-H10GB-CU5M-HW Huawei Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
logo
Tripp Lite. All Rights ...
N28005MGN TRIPPLITE-N28005MGN Datasheet
484Kb / 2P
   SFP plus 10Gbase-CU Passive Twinax Copper Cable,Green, 5M (16-ft.)
N280-03M-BK TRIPPLITE-N280-03M-BK Datasheet
158Kb / 3P
   SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU3M Compatible, Black, 3M (10-ft.)
N280-01M-BK TRIPPLITE-N280-01M-BK Datasheet
158Kb / 3P
   SFP 10Gbase-CU Passive Twinax Copper Cable, SFP-H10GB-CU1M Compatible, Black, 1M (3-ft.)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com