Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SCT-013 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

No. de pieza SCT-013
Descripción Electrónicos  Split core current transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Página de inicio  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

SCT-013 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  SCT-013 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
22±0.5
11.5±0.5
Model
Input current
Output type
Model
Input current
Output type
SCT-013-000
0-100A
0-50mA
SCT-013-025
0-25A
0-1V
SCT-013-005
0-5A
0-1V
SCT-013-030
0-30A
0-1V
2.5mm Audio Plug
3.5mm Audio Plug
X
11.9
15.0
Y
2.5
3.5
standard
SCT-013-010
0-10A
0-1V
SCT-013-050
0-50A
0-1V
SCT-013-015
0-15A
0-1V
SCT-013-060
0-60A
0-1V
SCT-013-020
0-20A
0-1V
SCT-013-000V
0-100A
0-1V
Output type: voltage output type built-in sampling resistor, current output type built-in protective diode.
Front View
Side View
Schematic diagram
Three-core plug size
select
and use
Characteristics:Openning size: 13mm*13mm,
Non-linerity±3%(10%—120% of rated input current)
1m leading wire, standard Φ3.5 three core plug output.
Current output type and voltage output type (voltage output
type built-in sampling resistor)
Purpose:Used for current measurement, monitor and protection for AC motor,
lighting equipment, air compressor etc
Core material: ferrite
Mechanical strength: the number of switching is not less than 1000 times(test at 25℃)
Safty index:Dielectric strength(between shell and output)1000V AC/1min
Fire resistance property: In accordance with UL94-Vo
Work temperature: -25℃~+70℃
Outline size diagram: (in mm)
Model: SCT-013
Rated input current:5A/100A
23.5±0.5
32±0.5
Table of technical parameter:
Split core current transformer
Swiching angle
180°
1m
35.3
K Output
X
ΦY
Vacancy
L Output
Diagram for standard three-core plug
R
RoHS
TVS
Ip
Iout
Current output type
Voltage output type
Ip
TVS
K
L
K
L
Beijing Yaohuadechang Electronic Co. Ltd
Web (China) www.yhdc.com Web (Latvia) www.yhdc.lv


Número de pieza similar - SCT-013

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SCT-013 ETC1-SCT-013 Datasheet
2Mb / 1P
Split core current transformer
SCT-013-000 ETC1-SCT-013-000 Datasheet
2Mb / 1P
Split core current transformer
SCT-013-000V ETC1-SCT-013-000V Datasheet
2Mb / 1P
Split core current transformer
SCT-013-005 ETC1-SCT-013-005 Datasheet
2Mb / 1P
Split core current transformer
SCT-013-010 ETC1-SCT-013-010 Datasheet
2Mb / 1P
Split core current transformer
More results

Descripción similar - SCT-013

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Beijing Yaohuadechang E...
SCT12080QT YHDC-SCT12080QT Datasheet
9Mb / 1P
Split core current transformer
SCT013-005 YHDC-SCT013-005 Datasheet
5Mb / 1P
Split core current transformer
SCT032BT YHDC-SCT032BT Datasheet
7Mb / 1P
Split core current transformer
SCT016S YHDC-SCT016S Datasheet
678Kb / 1P
Split core current transformer
SCT8050QT YHDC-SCT8050QT Datasheet
7Mb / 1P
Split core current transformer
SCT013-030 YHDC-SCT013-030 Datasheet
5Mb / 1P
Split core current transformer
SCT013-050 YHDC-SCT013-050 Datasheet
5Mb / 1P
Split core current transformer
SCT013-100 YHDC-SCT013-100 Datasheet
5Mb / 1P
Split core current transformer
SCT019 YHDC-SCT019 Datasheet
779Kb / 1P
Split core current transformer
SCT013-RJ45 YHDC-SCT013-RJ45 Datasheet
2Mb / 1P
Split core current transformer
logo
Carlo Gavazzi Holding A...
CTA CARLOGAVAZZI-CTA Datasheet
480Kb / 4P
Split core current transformer
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com