Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DW01AC Datasheet(PDF) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

No. de pieza DW01AC
Descripción Electrónicos  Lithium battery protection IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Página de inicio  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

DW01AC Datasheet(HTML) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button DW01AC Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. DW01AC Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. DW01AC Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. DW01AC Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. DW01AC Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. DW01AC Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. DW01AC Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. DW01AC Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. DW01AC Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
DW01AC(文件编号:S&CIC1638)
锂电池保护
IC
www.superchip.cn
7 页 共 10 页
Version 1.1
0V电池充电
0V电池充电允许
对于
0V电池充电允许的电路,如果使用充电器对电池充电,使DW01AC电路的VDD端相对VM端的电压大于
0V充电允许阈值V0V_CHG时,其充电控制端COUT将被连接到VDD端。若该电压能够使外接充电控制N-MOS
Q1导通,则通过放电控制N-MOS管Q2的体内二极管可以形成一个充电回路,使电池电压升高;当电池电压升
高至使
VDD端电压超过过电压放电保护阈值VOD时,DW01AC将回到正常状态,同时放电控制端DOUT输出高
电平,使外接放电控制
N-MOS管处于导通状态。
0V 电池充电禁止
对于
0V电池充电禁止的电路,如果电池电压低至使DW01AC电路的VDD端电压小于0V充电禁止阈值
VNOCHG,则其充电控制端COUT将被短接到VM端,使外接充电控制N-MOS管始终处于关闭状态。
典型应用电路图
图3
1KΩ


Número de pieza similar - DW01AC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Huazhimei Semi...
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
Fortune Semiconductor C...
DW01A-G FORTUNE-DW01A-G Datasheet
876Kb / 19P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results

Descripción similar - DW01AC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN FUMAN ELECTRON...
DW01F FUMAN-DW01F Datasheet
509Kb / 9P
   Lithium battery protection IC
DW01V FUMAN-DW01V Datasheet
511Kb / 10P
   Lithium battery protection IC
2117 FUMAN-2117 Datasheet
352Kb / 10P
   Lithium battery protection IC
DW01FA FUMAN-DW01FA Datasheet
512Kb / 10P
   Lithium battery protection IC
FM2115 FUMAN-FM2115 Datasheet
225Kb / 7P
   Single lithium battery protection IC
FM2118 FUMAN-FM2118 Datasheet
179Kb / 7P
   Single lithium battery protection IC
FM2113 FUMAN-FM2113 Datasheet
211Kb / 7P
   Single lithium battery protection IC
FM2116 FUMAN-FM2116 Datasheet
211Kb / 7P
   Single lithium battery protection IC
logo
Shenzhen Huazhimei Semi...
HM8261 HMSEMI-HM8261 Datasheet
601Kb / 12P
   Single lithium battery protection IC
logo
SHENZHEN FUMAN ELECTRON...
TC112 FUMAN-TC112 Datasheet
941Kb / 12P
   Single lithium battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com