Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D-1409 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

No. de pieza D-1409
Descripción Electrónicos  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

D-1409 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button D-1409 Datasheet HTML 45Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 46Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 47Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 48Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 49Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 50Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 51Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 52Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
GROUP A
Copper
Base
Alloys
GROUP B
Refractory
Metal
Compositions
Proportional
Ultimate
Elongation
TUFFALOY
Limit
Hardness
Conductivity
Tensile
Percent
Class
Number
Tension
Rockwell
Percent
Strength
In 2’ or 4’
P. S. I.
I. A. C. S.
P. S. I.
Diameter
ROUND RODS
1
88
17,500
65-B
80
60,000
13
Up to 1” dia.
2
77
35,000
75-B
75
65,000
13
3
55
50,000
90-B
45
100,000
9
1
88
15,000
60-B
80
55,000
14
1” to 2” dia.
2
77
30,000
70-B
75
59,000
13
3
55
50,000
90-B
45
100,000
9
1
88
15,000
55-B
80
50,000
15
2” to 3” dia.
2
77
25,000
65-8
75
55,000
13
3
55
50,000
90-B
45
95,000
9
BARS
Square
1
88
20,000
55-B
80
60,000
13
Rectangular
2
77
35,000
70-B
75
65,000
13
Hexagon
3
55
50,000
90-B
45
100,000
9
Up to 1“ thick
1
88
15,000
50-B
80
50,000
14
Over 1” thick
2
77
25,000
65-8
75
55,000
13
3
55
50,000
90-B
45
100,000
9
1
88
20,000
55-8
80
45,000
12
FORGINGS
2
77
22,000
65-B
75
55,000
13
Up to 1”
3
55
50,000
90-B
45
94,000
9
1
88
15,000
50-B
80
40,000
13
1” to 2”
2
77
21,000
65-B
75
55,000
13
3
55
50,000
90-B
45
94,000
9
1
88
15,000
50-B
80
40,000
Over 2”
2
77
20,000
65-B
75
55,000
12
3
55
50,000
90-B
45
94,000
5
All sizes
4
44
85,000
33-C
20
140,000
.5
2
77
20,000
55-8
70
45,000
12
CASTINGS
3
55
45,000
90-B
45
85,000
5
All sizes
4
44
60,000
33-C
18
90,000
.5
5
66
12 to 16,000
65 to 85-B
10 to 15
65 to 75,000
2 to 10
10
1W
72-B
35
Rods,
11
10W
94-B
28
Bars &
12
20W
98-B
27
Inserts
13
100W
69-A
30
14
100M
85-B
30
135,000
Ultimate
160,000
Compression
170,000
Strength
200,000
P. S. I.
MINIMUM PHYSICAL PROPERTIES FOR RWMA ALLOYS
Published Standards of the Resistance Welder Manufacturer’s Association
}
48
TUFFALOY
welding data


Número de pieza similar - D-1409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
D-141-13 MACOM-D-141-13 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
D-141-22 MACOM-D-141-22 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
D-141-30 MACOM-D-141-30 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
logo
PANDUIT CORP.
D-142-50 PANDUIT-D-142-50 Datasheet
95Kb / 1P
(105째C) SOLDERSLEEVE LOW TEMPERATURE
D-142-51 PANDUIT-D-142-51 Datasheet
95Kb / 1P
(105째C) SOLDERSLEEVE LOW TEMPERATURE
More results

Descripción similar - D-1409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
6354 POMONA-6354 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
Test Lead with Stackable Pin Tips
logo
Bi technologies
7720-1-EVM BITECH-7720-1-EVM Datasheet
237Kb / 6P
PFC DESIGN TIPS & TECHNIQUES
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
Troubleshooting and Design Tips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com