Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D-1409 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

No. de pieza D-1409
Descripción Electrónicos  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

D-1409 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button D-1409 Datasheet HTML 41Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 42Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 43Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 44Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 45Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 46Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 47Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 48Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
Digital-Hydraulic
Standard-Hydraulic
High-Capacity Hydraulic
Digital-Electronic
WE OFFER ONE OF THE BROADEST PRODUCT LINES AVAILABLE TODAY
Tuffaloy supplies a broad range of weld force gauges, available with accuracies from 0.5% for Digital-Electronic gauges;
to 2% accuracy for the Digital-Hydraulic which has a digital output driven by hydraulics; to our Standard Hydraulic models
with 2%-3% accuracy. All are available in English and metric readouts.
Our Digital-Electronic gauge supplies
the highest accuracy (0.5% for 95%
of the gauges range). The gauge has
large LCD readouts with peak-hold
capabilities. All functions are electronic
which prevents variations caused
by flexing.
The Digital-Hydraulic delivers better
accuracy than standard hydraulic
gauges but at a lower price than all-
digital models. The peak-hold feature
allows for reading variable forces,
which are common in resistance
welding machinery. Gauges maintain
an accuracy of 1% for 30% to 90%
of the gauge’s range.
Tuffaloy’s Standard Hydraulic gauges
are the low cost method for obtaining
general force measurements. These
gauges are available in a standard
block style, with extensions. Sizes
range from 600 lb. up to 10 tons with
accuracy of 2% at the mean and 3%
outside of mean for 70% of the
gauge’s range.
HIGH-ACCURACY WELD FORCE GAUGES AVAILABLE FROM TUFFALOY
TUFFALOY
weld force gauges
44


Número de pieza similar - D-1409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
D-141-13 MACOM-D-141-13 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
D-141-22 MACOM-D-141-22 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
D-141-30 MACOM-D-141-30 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
logo
PANDUIT CORP.
D-142-50 PANDUIT-D-142-50 Datasheet
95Kb / 1P
(105째C) SOLDERSLEEVE LOW TEMPERATURE
D-142-51 PANDUIT-D-142-51 Datasheet
95Kb / 1P
(105째C) SOLDERSLEEVE LOW TEMPERATURE
More results

Descripción similar - D-1409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
6354 POMONA-6354 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
Test Lead with Stackable Pin Tips
logo
Bi technologies
7720-1-EVM BITECH-7720-1-EVM Datasheet
237Kb / 6P
PFC DESIGN TIPS & TECHNIQUES
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
Troubleshooting and Design Tips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com