Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D-1409 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

No. de pieza D-1409
Descripción Electrónicos  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

D-1409 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button D-1409 Datasheet HTML 19Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 20Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 21Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 22Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 23Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 24Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 25Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 26Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
BARREL LENGTH
HOLE DIA. (TEE CONNECTOR)
2-1/4
SHANK DIA.
90
°
30
°
HOLDERS
TEE CONNECTORS
Barrel
Barrel
Descrip-
Part
Hole
Shank
Descrip-
Part
Dia.
Length
tion.
No.
Dia.
Dia.
tion
No.
1
8
N-08085-A
325-0235
1
1
T-1-1
192-1100
1-1/4
8
N-10085-A
325-0295
1-1/4
1
T-1
192-1000
1-1/4
8
N-10085-A
325-0295
1-1/4
1
T-1
192-1000
1-1/4
8
N-10085-A
325-0295
1-1/4
1-1/4
T-125
192-1250
1-1/4
8
N-10085-A
325-0295
1-1/4
1-1/4
T-125
192-1250
1-1/4
8
N-10085-A
325-0295
1-1/4
1-1/4
T-125
192-1250
1-1/2
8
N-12085-A
325-0375
1-1/2
1-1/2
T-15
192-1500
1-1/2
8
N-12085-A
325-0375
1-1/2
1-1/2
T-15
192-1500
1-1/2
8
N-12085-A
325-0375
1-1/2
1-1/2
T-15
192-1500
AB
C
Arm
Hole
Arm
Diameter Diameter* Length
12
SH-7320-1
630-7321
2
1
16
SH-7320-2
630-7322
20
SH-7320-3
630-7323
12
SH-7320-4
630-7324
2-1/2
1-1/4
16
SH-7320-5
630-7325
20
SH-7320-6
630-7326
12
SH-7320-7
630-7327
3
1-1/2
16
SH-7320-8
630-7328
20
SH-7320-9
630-7329
*These diameters will be supplied unless otherwise specified.
UNIVERSAL HOLDER ASSEMBLIES
Holders, Tee Connectors, and Adapters may be assembled
as shown, line by line in the table, to make up holder
assemblies that will do spot welding in many otherwise
inaccessible places. Goldcrown (ejector-type) holders
may be used in place of the non-ejector holders listed.
The Tee Connector is Class 3 RWMA alloy.
Class 2 spot welding machine arms made by Tuffaloy reduce set up time and give longer life.
Electrode holder shanks can be attached to these arms from the front, by bolting the cap over them. This means no extra clearance is
required between the arms to allow running a shank up (or down) into a hole in the arm. It makes the insertion of Tuffaloy multiple-
welding holders much easier.
One of the most common failures of welder arms is the destruction of the bolt hole threads, due to the relatively soft copper involved.
Tuffaloy arms have a transverse steel bar insert in which the bolt hole
threads are cut. This provides greatly increased thread life.
Standard arm configurations are shown in the table. Special arms
are also available.
Descrip-
tion
Part
No.
AD-584-30, for 4RW Tip
Part No. 190-8430
AD-585-30, for 5RW Tip
Part No. 190-8530
AD-584-90, for 4RW Tip
Part No. 190-8490
AD-585-90, for 5RW Tip
Part No. 190-8590
AD-585-90E, for 5RW Tip
Part No. 190-9590
ADAPTERS TO CHOOSE FROM
Tip
Angle
Descrip-
Part
Socket Degrees
tion
No.
4RW
90
AD-584-90
190-8490
4RW
30
AD-584-30
190-8430
5RW
90
AD-585-90
190-8590
5RW
30
AD-585-30
190-8530
6RW
90
AD-586-90
190-8690
22
TUFFALOY
offset holders
TUFFALOY
welder arms


Número de pieza similar - D-1409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
D-141-13 MACOM-D-141-13 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
D-141-22 MACOM-D-141-22 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
D-141-30 MACOM-D-141-30 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
logo
PANDUIT CORP.
D-142-50 PANDUIT-D-142-50 Datasheet
95Kb / 1P
(105째C) SOLDERSLEEVE LOW TEMPERATURE
D-142-51 PANDUIT-D-142-51 Datasheet
95Kb / 1P
(105째C) SOLDERSLEEVE LOW TEMPERATURE
More results

Descripción similar - D-1409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
6354 POMONA-6354 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
Test Lead with Stackable Pin Tips
logo
Bi technologies
7720-1-EVM BITECH-7720-1-EVM Datasheet
237Kb / 6P
PFC DESIGN TIPS & TECHNIQUES
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
Troubleshooting and Design Tips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com