Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D-1409 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

No. de pieza D-1409
Descripción Electrónicos  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

D-1409 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button D-1409 Datasheet HTML 17Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 18Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 19Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 20Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 21Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 22Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 23Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 24Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
20
TUFFALOY NICKEL PLATED
EJECTOR HOLDERS
with self-adjusting water tubes
TUFFALOY nickel plated ejector holders feature extra
strength Class 2 Tuff 77 alloy and are ground, polished and
nickel plated for superior conductivity. These holders also
feature exclusive spring-loaded self-adjusting water tubes
to ensure proper water flow any electrode.
Barrel
Tip
Barrel
Descrip-
Holder
Diameter Socket RW
Length
tion
Assy.
1
4
8
NHE-08084
319-0213
1-1/4
4
8
NHE-10084
319-0214
1
5
8
NEH-08085
319-0216
1-1/4
5
8
NEH-10085
319-0217
1
4
12
NEH-08124
319-0233
1-1/4
4
12
NEH-10124
319-0234
1
5
12
NEH-08125
319-0236
1-1/4
5
12
NEH-10125
319-0237
Descrip-
Holder
1 Head
2
3 Tube
4 Water
5 Hose
6 Barrel
7 Head
8 All
tion
Assy.
Assy.
Barrel
Assy.
Tube
Conn.
O-Ring
O-Ring
Thread
NHE-08084
319-0213
195-0101
001-213B
195-0210
195-0017
195-8240
195-8251
037-0096
195-0031
NHE-10084
319-0214
195-0101
001-214B
195-0210
195-0017
195-8240
195-8251
037-0096
195-0031
NEH-08085
319-0216
195-0100
001-216B
195-0208
195-0015
195-8240
037-0099
037-0096
195-0030
NEH-10085
319-0217
195-0100
001-217B
195-0208
195-0015
195-8240
037-0099
037-0096
195-0030
NEH-08124
319-0233
195-0101
001-233B
195-0211
195-0017
195-8240
195-8251
037-0096
195-0031
NEH-10124
319-0234
195-0101
001-234B
195-0211
195-0017
195-8240
195-8251
037-0096
195-0031
NEH-08125
319-0236
195-0100
001-236B
195-0212
195-0015
195-8240
037-0099
037-0096
195-0030
NEH-10125
319-0237
195-0100
001-237B
195-0212
195-0015
195-8240
037-0099
037-0096
195-0030
TUFFALOY
nickel plated ejector holders


Número de pieza similar - D-1409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
D-141-13 MACOM-D-141-13 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
D-141-22 MACOM-D-141-22 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
D-141-30 MACOM-D-141-30 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
logo
PANDUIT CORP.
D-142-50 PANDUIT-D-142-50 Datasheet
95Kb / 1P
(105째C) SOLDERSLEEVE LOW TEMPERATURE
D-142-51 PANDUIT-D-142-51 Datasheet
95Kb / 1P
(105째C) SOLDERSLEEVE LOW TEMPERATURE
More results

Descripción similar - D-1409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
6354 POMONA-6354 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
Test Lead with Stackable Pin Tips
logo
Bi technologies
7720-1-EVM BITECH-7720-1-EVM Datasheet
237Kb / 6P
PFC DESIGN TIPS & TECHNIQUES
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
Troubleshooting and Design Tips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com