Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D-1409 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza D-1409
Descripción Electrónicos  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

D-1409 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button D-1409 Datasheet HTML 5Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 6Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 7Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 8Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 9Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 10Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 11Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 12Page - List of Unclassifed Manufacturers D-1409 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
TUFFALOY
bent tips
DOUBLE-BENT, ADDITIONAL NOSE DESIGNS
Example:
FB-1438-16-T
F = Cold-Formed,
Double-Bend Tips
X = Nose Type
A
B
C
D
Y = RWMA Alloy Class
1 = Class 1
2 = Class 2
Z = RW Taper Number
4 =4RW
5 = 5RW
L = Length in inches
Refer to table
for availability
D = Additional Length
in 16ths
O = Offset in 16ths
Refer to table
for availability
T = With water tubes
KEY TO DESCRIPTION
FX-YZLD-O
‘A’ POINTED NOSE
‘C’ FLAT NOSE
‘D’ OFFSET NOSE
‘B’ DOME NOSE
DOUBLE-BEND, WITH STANDARD NOSE DESIGNS
These standard cold-formed tips are bent from straight tips (some after added machining) and have the same hardness
and conductivity. They outlast, many times over, the old cast and forged tips of similar geometry, which are impossible to
cool adequately.
The table shows a wide range of tips generally available from stock. For sizes not shown, refer to the diagrams and
description key at the bottom of the page, and order what you need. All measurements will be accurate. However, over-all
length, in 1/8-in. multiples, will be held to within 1/16-in.
Tapers, water holes, and nose designs are the same as the standard straight tips in this catalog.
Water tubes can be furnished.
Standard nose designs other than those shown here may be furnished on short order. Follow the “Key to Description”,
using a ‘B’ for Dome nose, ‘C’ for flat nose, ‘E’ for truncated cone, and ‘F’ for radius nose.
8
Taper
No.
Length
Offset
4
RW
5
RW
FA Pointed Nose
FD Offset Nose
FA Pointed Nose
FD Offset Nose
Descrip-
Item
Descrip-
Item
Descrip-
Item
Descrip-
Item
tion
No.
tion
No.
tion
No.
tion
No.
1-1/2
7/16
FA-2317-8
167-0060
2-3/16
1
FD-2423-16
167-2080
2-1/4
1/2
FA-1424-8
165-0100
FA-2424-8
167-0100
2-1/4
3/4
FA-2424-12
167-0120
2-3/8
3/8
FA-1426-6
165-0160
FA-2426-6
167-0160
2-3/8
3/4
FA-2426-12
167-0180
2-3/8
1-1/4
FA-1426-20
165-0200
FD-1426-20
165-2200
FA-2426-20
167-0200
FD-2426-20
167-2200
2-1/2
1/2
FA-2428-8
167-0240
2-1/2
1
FA-1428-16
165-0280
FD-1428-16
165-2280
FA-2428-16
167-0280
FD-2428-16
167-2280
2-5/8
3/4
FA-14210-12
165-0320
FA-24210-12
167-0320
FD-24210-12
167-2320
2-3/4
1/2
FA-14212-8
165-0360
FA-24212-8
167-0360
FD-24212-8
167-2360
2-3/4
1
FA-24212-16
167-0400
2-3/4
1-1/4
FA-24212-20
167-0420
2-7/8
3/4
FA-24214-12
167-0430
2-7/8
1-1/4
FA-14214-20
165-0460
FA-24214-20
167-0460
3
1
FA-1430-16
165-0520
FA-2430-16
167-0520
3-3/8
1-1/4
FA-2436-20
167-0580
3-1/2
1
FA-2438-16
167-0620
2-1/4
1/2
FD-2524-8
167-3100
2-1/4
1-1/4
FD-1524-20
165-3140
FD-2524-20
167-3140
2-3/8
3/8
FA-1526-6
165-1160
FA-2526-6
167-1160
FD-2526-6
167-3160
2-3/8
3/4
FD-1526-12
165-3180
FA-2526-12
167-1180
FD-2526-12
167-3180
2-7/16
1-5/16
2-1/2
1/2
FA-1528-8
165-1240
FA-2528-8
167-1240
2-1/2
1
FA-2528-16
167-1280
2-3/4
1/2
FA-15212-8
165-1360
FD-15212-8
165-3360
FA-25212-8
167-1360
FD-25212-8
167-3360
2-3/4
3/4
FA-25212-12
167-1380
2-3/4
1
FA-15212-16
165-1400
FD-15212-16
165-3400
FA-25212-16
167-1400
FD-25212-16
167-3400
2-7/8
1
FA-25214-16
167-1440
2-7/8
1-1/4
FA-15214-20
165-1460
FA-25214-20
167-1460
3
1/2
FA-1530-8
165-1480
FA-2530-8
167-1480
FD-2530-8
167-3480
3
3/4
FA-2530-12
167-1500
3
1
FA-2530-28
167-1540
FD-2530-16
167-3520
3-1/4
1
FA-1534-16
165-1560
FA-2534-16
167-1560
3-3/8
3/8
FD-1536-6
165-3570
3-3/8
1-1/4
FA-1536-20
165-1580
FD-1536-20
165-3580
FA-2536-20
167-1580
FD-2536-20
167-3580
3-1/2
1/2
FA-1538-8
165-1600
FA-2538-8
167-1600
3-1/2
1
FA-2538-16
167-1620
FD-2538-16
167-3620
CLASS I
CLASS 2


Número de pieza similar - D-1409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
D-141-13 MACOM-D-141-13 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
D-141-22 MACOM-D-141-22 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
D-141-30 MACOM-D-141-30 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
logo
PANDUIT CORP.
D-142-50 PANDUIT-D-142-50 Datasheet
95Kb / 1P
(105째C) SOLDERSLEEVE LOW TEMPERATURE
D-142-51 PANDUIT-D-142-51 Datasheet
95Kb / 1P
(105째C) SOLDERSLEEVE LOW TEMPERATURE
More results

Descripción similar - D-1409

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pomona Electronics
5676A POMONA-5676A Datasheet
41Kb / 1P
Test Probe Set with Replaceable Tips
6354 POMONA-6354 Datasheet
23Kb / 1P
Replacement Tips For Test Probes
logo
List of Unclassifed Man...
1661 ETC2-1661 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
XYB02 ETC2-XYB02 Datasheet
63Kb / 1P
SOLDERING TIPS
STTC-817 ETC2-STTC-817 Datasheet
242Kb / 3P
Soldering Tips
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
Soldering Tips and Nozzles
BU-4444-A-12-0 ETC2-BU-4444-A-12-0 Datasheet
177Kb / 1P
Test Lead with Stackable Pin Tips
logo
Bi technologies
7720-1-EVM BITECH-7720-1-EVM Datasheet
237Kb / 6P
PFC DESIGN TIPS & TECHNIQUES
logo
STMicroelectronics
AN1299 STMICROELECTRONICS-AN1299 Datasheet
724Kb / 30P
L638xE tricks and tips
logo
Fairchild Semiconductor
AN4141 FAIRCHILD-AN4141 Datasheet
200Kb / 9P
Troubleshooting and Design Tips
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com