Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FD1257H Datasheet(PDF) 2 Page - Feeling Technology Corp.

No. de pieza FD1257H
Descripción Electrónicos  Smart motor driver with embedded Hall sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FEELING [Feeling Technology Corp.]
Página de inicio  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD1257H Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FD1257H Datasheet HTML 1Page - Feeling Technology Corp. FD1257H Datasheet HTML 2Page - Feeling Technology Corp. FD1257H Datasheet HTML 3Page - Feeling Technology Corp. FD1257H Datasheet HTML 4Page - Feeling Technology Corp. FD1257H Datasheet HTML 5Page - Feeling Technology Corp. FD1257H Datasheet HTML 6Page - Feeling Technology Corp. FD1257H Datasheet HTML 7Page - Feeling Technology Corp. FD1257H Datasheet HTML 8Page - Feeling Technology Corp. FD1257H Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FD1257H
Rev1.7 Nov. 21, 2008
P.2
FEELING
TECHNOLOGY
Pin Connection
Marking Distinguish
Figure.2
Figure.3
Pin Descriptions
Legend: I=input, O=output, I/O=input/output, P=power supply, G=ground
Functional Descriptions
Refer to the block diagram (Figure.1), FD1257H is composed of the following building blocks:
Bias generator
The bias generator provides precise, temperature- and process-insensitive bias references for the analog blocks.
These references guarantee proper operation of the IC under all conditions specified in this specification.
Oscillator
The built-in oscillator provides the clock signal for the digital control logics
Power-on Reset
Used to detect the power-up ramp and reset the digital circuits to achieve correct operation as soon as the power is
ready.
Chopper Amplifier
To achieve a higher magnetic sensitivity the chopper amplifier structure is adopted in this design. Use of this
structure dynamically removes both the offset and flicker noise at the same time.
Digital control logics
Hall sensor part – generates controlling signals for the Hall sensor.
Coil driver part – generates controlling signals for the Coil driver.
Name
I/O
FD1257H
Description
VDD
P
1
Positive power supply
NO
O
2
Driver output
SO
O
3
Driver output
VSS
G
4
Ground
1257H
1
2
3
4
YMV-XX
Lot Number
1257H
YMV-XX
Mass Production Version
Half month (ex:A,B ~ X)
Year (ex:2008
8)


Número de pieza similar - FD1257H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Feeling Technology Corp...
FD1257AH FEELING-FD1257AH Datasheet
272Kb / 12P
Smart motor driver with embedded Hall sensor
FD1257AH-G1 FEELING-FD1257AH-G1 Datasheet
272Kb / 12P
Smart motor driver with embedded Hall sensor
More results

Descripción similar - FD1257H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Feeling Technology Corp...
FD0250F FEELING-FD0250F Datasheet
211Kb / 11P
Smart motor driver with embedded Hall sensor
FD0252F FEELING-FD0252F Datasheet
253Kb / 15P
Smart motor driver with embedded Hall sensor
FD2257H FEELING-FD2257H Datasheet
251Kb / 12P
Smart motor driver with embedded Hall sensor
FD115CH FEELING-FD115CH Datasheet
498Kb / 12P
Smart motor driver with embedded Hall sensor
FD0259F FEELING-FD0259F Datasheet
225Kb / 12P
Smart motor driver with embedded Hall sensor
FD1157AH FEELING-FD1157AH Datasheet
333Kb / 11P
Smart motor driver with embedded Hall sensor
FD0251F FEELING-FD0251F Datasheet
152Kb / 12P
Smart motor driver with embedded Hall sensor
FD0252B FEELING-FD0252B Datasheet
256Kb / 13P
Smart motor driver with embedded Hall sensor
FD1257AH FEELING-FD1257AH Datasheet
272Kb / 12P
Smart motor driver with embedded Hall sensor
FD0251B FEELING-FD0251B Datasheet
205Kb / 13P
Smart motor driver with embedded Hall sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com