| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STC89LE53RC Datasheet(PDF) 128 Page - STCmicro Technology Co,.Ltd |
|
|
|||||||||||||||||||||||||||||
STC89LE53RC Datasheet(HTML) 128 Page - STCmicro Technology Co,.Ltd |
|
128 / 165 page ![]() ;/*Disable ISP/IAP/EEPROM function, make MCU in a safe state*/ MOV ISP_CONTR, #00000000B ;Close ISP/IAP/EEPROM function MOV ISP_CMD, #00000000B ;Clear ISP/IAP/EEPROM command ;MOV ISP_TRIG, #00000000B ;Clear trigger register to prevent mistrigger ;MOV ISP_ADDRH, #0 ;Set address high(00h), Data ptr point to non-EEPROM area ;MOV ISP_ADDRL, #0 ;Clear IAP address to prevent misuse SETB EA ;Set global enable bit ;/*Erase one sector area, there is only Sector-Erase instead of Byte-Erase, every sector area account for 512 bytes*/ MOV ISP_ADDRH, #SECTOT_FIRST_BYTE_ADDR_HIGH ;Set the sector area starting address high MOV ISP_ADDRL, #SECTOT_FIRST_BYTE_ADDR_LOW ;Set the sector area starting address low MOV ISP_CONTR, #WAIT_TIME ;Set wait time ORL ISP_CONTR, #10000000B ;Open ISP/IAP function MOV ISP_CMD, #ISP_IAP_SECTOR_ERASE ;Set Sectot-Erase command MOV ISP_TRIG, #46H ;Send trigger command1 (0x46) MOV ISP_TRIG, #0B9H ;Send trigger command2 (0xb9) NOP ;CPU will hold here until ISP/IAP/EEPROM operation complete ;/*Disable ISP/IAP/EEPROM function, make MCU in a safe state*/ MOV ISP_CONTR, #00000000B ;Close ISP/IAP/EEPROM function MOV ISP_CMD, #00000000B ;Clear ISP/IAP/EEPROM command ;MOV ISP_TRIG, #00000000B ;Clear trigger register to prevent mistrigger ;MOV ISP_ADDRH, #0 ;Set address high(00h), Data ptr point to non-EEPROM area ;MOV ISP_ADDRL, #0 ;Clear IAP address to prevent misuse 128 |