Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1690626 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 1690626
Descripción Electrónicos  HC-K-KV-M20(8-13)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1690626 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1690626 Datasheet HTML 1Page - PHOENIX CONTACT 1690626 Datasheet HTML 2Page - PHOENIX CONTACT 1690626 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 3
http://www.phoenixcontact.de
Jan 27, 2011
Extract from the online
catalog
 
HC-K-KV-M20(8-13)
Order No.: 1690626
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1690626
 
 
Plastic screw connection up to 5 bar, thread length: 8 mm, cable
diameter: 8 - 13 mm, WAF 24, screw connection: M20
 
Commercial data
GTIN (EAN)
4
017918
822675
sales group
D290
Pack
25 pcs.
Customs tariff
39269097
Catalog page information
Page 520 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
02/16/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Type of the screw connection
M20
Cable gland material
Polyamide, RAL 7035
Seal material
Neoprene
Cable seal material
Neoprene
Wrench size, union nut
24 mm


Número de pieza similar - 1690626

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Adels-Contact
169063 ADELS-169063 Datasheet
121Kb / 2P
   AC 166 GBULH/ 3 black
12/11/2019
logo
PHOENIX CONTACT
1690639 PHOENIX-1690639 Datasheet
112Kb / 3P
   HC-K-KV-M25(11-17)
logo
Adels-Contact
169064 ADELS-169064 Datasheet
121Kb / 2P
   AC 166 GBULH/ 4 black
12/11/2019
logo
PHOENIX CONTACT
1690642 PHOENIX-1690642 Datasheet
112Kb / 3P
   HC-K-KV-M32(15-21)
1690655 PHOENIX-1690655 Datasheet
113Kb / 3P
   HC-K-KV-M40(19-28)
More results

Descripción similar - 1690626

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
1690561 PHOENIX-1690561 Datasheet
100Kb / 3P
   HC-M-KV-M20(9-13)
1646146 PHOENIX-1646146 Datasheet
85Kb / 3P
   HC-M-KV-Z-M20
1584017 PHOENIX-1584017 Datasheet
43Kb / 2P
   Cable gland - HC-M-KV-M20(1ASI)
1690642 PHOENIX-1690642 Datasheet
112Kb / 3P
   HC-K-KV-M32(15-21)
1690639 PHOENIX-1690639 Datasheet
112Kb / 3P
   HC-K-KV-M25(11-17)
1690655 PHOENIX-1690655 Datasheet
113Kb / 3P
   HC-K-KV-M40(19-28)
1082732 PHOENIX-1082732 Datasheet
234Kb / 3P
   Reducing adapter - REDUC-K-KV-M20/M16 BK
01/21/2022
1410725 PHOENIX-1410725 Datasheet
52Kb / 2P
   Reducing adapter - REDUC-K-KV-M32/M20 BK
1411232 PHOENIX-1411232 Datasheet
52Kb / 2P
   Reducing adapter - REDUC-K-KV-M25/M20 BK
1645998 PHOENIX-1645998 Datasheet
327Kb / 4P
   Cable gland - HC-M-KV-M20(11-16)
02/04/2022
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com