Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2897156 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 2897156
Descripción Electrónicos  IB IL 24 DI 16-ME
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2897156 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2897156 Datasheet HTML 1Page - PHOENIX CONTACT 2897156 Datasheet HTML 2Page - PHOENIX CONTACT 2897156 Datasheet HTML 3Page - PHOENIX CONTACT 2897156 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 8, 2011
Extract from the online
catalog
 
IB IL 24 DI 16-ME
Order No.: 2897156
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2897156
 
 
Inline digital input terminal, Inline ME versions (machine edition)
complete with accessories (connector and labeling field), 16 inputs, 24
V DC, 2, 3-conductor connection method
 
Commercial data
GTIN (EAN)
4
046356
148207
sales group
K411
Pack
4 pcs.
Customs tariff
85389091
Catalog page information
Page 292 (AX-2009)
Product notes
WEEE/RoHS-compliant since:
11/13/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Width
48.8 mm
Height
119.8 mm
Depth
71.5 mm
Note on dimensions
Housing dimensions


Número de pieza similar - 2897156

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
28971 ETC2-28971 Datasheet
819Kb / 16P
   Eddie Robot Platform
More results

Descripción similar - 2897156

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2897253 PHOENIX-2897253 Datasheet
92Kb / 4P
   IB IL 24 DO 16-ME
2863520 PHOENIX-2863520 Datasheet
176Kb / 5P
   IB IL 24 DI 16-NPN-PAC
2861250 PHOENIX-2861250 Datasheet
104Kb / 9P
   Inline terminal - IB IL 24 DI 16-PAC
2861234 PHOENIX-2861234 Datasheet
171Kb / 6P
   IB IL 24 DI 4-PAC
2863931 PHOENIX-2863931 Datasheet
143Kb / 5P
   IB IL 24 DO 4-ME
2861221 PHOENIX-2861221 Datasheet
176Kb / 6P
   IB IL 24 DI 2-PAC
2861247 PHOENIX-2861247 Datasheet
182Kb / 6P
   IB IL 24 DI 8-PAC
2861483 PHOENIX-2861483 Datasheet
167Kb / 6P
   IB IL 24 DI 2-NPN-PAC
2861959 PHOENIX-2861959 Datasheet
171Kb / 5P
   The illustration shows the version IB IL 24 DI 16
2862835 PHOENIX-2862835 Datasheet
189Kb / 6P
   IB IL 24 DI 32/HD-PAC
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com