Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2862958 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza 2862958
Descripción Electrónicos  The illustration shows the version IB IL 24 DI 16-PAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2862958 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2862958 Datasheet HTML 1Page - PHOENIX CONTACT 2862958 Datasheet HTML 2Page - PHOENIX CONTACT 2862958 Datasheet HTML 3Page - PHOENIX CONTACT 2862958 Datasheet HTML 4Page - PHOENIX CONTACT 2862958 Datasheet HTML 5Page - PHOENIX CONTACT 2862958 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IB IL 24 DI 16-PAC/SN Order No.: 2862958
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2862958
PHOENIX CONTACT Deutschland GmbH
Page 2 / 6
http://www.phoenixcontact.de
Feb 8, 2011
The Inline terminals can be labeled using hinged labeling fields. The fields have insert cards that can be labeled
individually to suit the application. Additionally, there is the proven ZBFM-6... Zack strip for labeling the terminal points.
Technical data
General data
Width
48.8 mm
Height
140.5 mm
Depth
71.5 mm
Note on dimensions
Housing dimensions
Weight
122 g
Note on weight specifications
Without plug
Mounting type
DIN rail
Ambient temperature (operation)
-25 °C ... 55 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
10 % ... 95 % (according to DIN EN 61131-2)
Permissible humidity (storage/transport)
10 % ... 95 % (according to DIN EN 61131-2)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Test section
5 V supply incoming remote bus/7.5 V supply (bus logic) 500 V
AC 50 Hz 1 min
5 V supply outgoing remote bus/7.5 V supply (bus logic) 500 V
AC 50 Hz 1 min
7.5 V supply (bus logics)/24 V supply (I/O) 500 V AC 50 Hz 1 min
24 V supply (I/O) / functional earth ground 500 V AC 50 Hz 1 min
Interface
Name
Local bus
Type of connection
Inline data jumper
Transmission speed
500 kBaud
Power supply for module electronics
Supply voltage
24 V DC (via voltage jumper)
Supply voltage range
19.2 V DC ... 30 V DC (including all tolerances, including ripple)
Supply current
60 mA
Communications power UL
7.5 V (via voltage jumper)
Current consumption
max. 60 mA (from the local bus)


Número de pieza similar - 2862958

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2862961 PHOENIX-2862961 Datasheet
191Kb / 5P
   The illustration shows the article IB IL 24 DO 16-PAC
2862987 PHOENIX-2862987 Datasheet
377Kb / 8P
   Potential distributors - IB IL PD 24V-PAC
Dec 9, 2022
2862990 PHOENIX-2862990 Datasheet
106Kb / 3P
   IB IL PD GND-PAC
logo
Belden Inc.
28629A BELDEN-28629A Datasheet
208Kb / 2P
   TC VN/PVC, 37 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28629A-0105000 BELDEN-28629A-0105000 Datasheet
208Kb / 2P
   TC VN/PVC, 37 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
More results

Descripción similar - 2862958

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2861959 PHOENIX-2861959 Datasheet
171Kb / 5P
   The illustration shows the version IB IL 24 DI 16
2860785 PHOENIX-2860785 Datasheet
187Kb / 5P
   The illustration shows the version IB IL 24 DI 32/HD-PAC
2692885 PHOENIX-2692885 Datasheet
169Kb / 5P
   The illustration shows the product version IB IL 24 DI 32/HD-PAC
2878243 PHOENIX-2878243 Datasheet
167Kb / 5P
   The illustration shows the product version IB IL 24 DI 32/HD-PAC
2862961 PHOENIX-2862961 Datasheet
191Kb / 5P
   The illustration shows the article IB IL 24 DO 16-PAC
2860934 PHOENIX-2860934 Datasheet
196Kb / 5P
   The illustration shows the version IB IL 24 Do 32/HD-PAC
2692898 PHOENIX-2692898 Datasheet
176Kb / 5P
   The illustration shows the version IB IL 24 Do 32/HD-PAC
2861894 PHOENIX-2861894 Datasheet
145Kb / 4P
   The illustration shows the version IB IL 24 PWR IN/F-PAC
2878340 PHOENIX-2878340 Datasheet
173Kb / 5P
   The illustration shows the version IB IL 24 Do 32/HD-PAC
2861700 PHOENIX-2861700 Datasheet
132Kb / 5P
   The figure shows the version IB IL 24 DO 2-2A-PAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com