Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2862958 Datasheet(PDF) 3 Page - PHOENIX CONTACT

No. de pieza 2862958
Descripción Electrónicos  The illustration shows the version IB IL 24 DI 16-PAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2862958 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2862958 Datasheet HTML 1Page - PHOENIX CONTACT 2862958 Datasheet HTML 2Page - PHOENIX CONTACT 2862958 Datasheet HTML 3Page - PHOENIX CONTACT 2862958 Datasheet HTML 4Page - PHOENIX CONTACT 2862958 Datasheet HTML 5Page - PHOENIX CONTACT 2862958 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IB IL 24 DI 16-PAC/SN Order No.: 2862958
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2862958
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Feb 8, 2011
Inline potential routing
Communications power UL
7.5 V DC
Current consumption from UL
max. 60 mA
Segment supply voltage US
24 V DC (nominal value)
Current consumption from US
max. 4 A
Digital inputs
Input name
Digital inputs
Description of the input
EN 61131-2 type 1
Type of connection
Spring-cage connection
Connection method
2, 3-wire
Number of inputs
16
Typical response time
< 1 ms
Protective circuit
Short-circuit and overload protection
Input voltage
24 V DC (via voltage jumper)
Input voltage range "0" signal
-3 V DC ... 5 V DC
Input voltage range "1" signal
15 V DC ... 30 V DC
Certificates / Approvals
Certification
CUL, DNV, GL, UL
Certification Ex:
CUL-EX LIS, UL-EX LIS
Accessories
Item
Designation
Description
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0809492
ESL 62X10
Insert strip for laser printer, lettering field: 62 x 10 mm
0809502
ESL 62X46
Insert strip for laser printer, lettering field: 62 x 46 mm
2727501
IB IL FIELD 2
Labeling field, width: 12.2 mm


Número de pieza similar - 2862958

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2862961 PHOENIX-2862961 Datasheet
191Kb / 5P
   The illustration shows the article IB IL 24 DO 16-PAC
2862987 PHOENIX-2862987 Datasheet
377Kb / 8P
   Potential distributors - IB IL PD 24V-PAC
Dec 9, 2022
2862990 PHOENIX-2862990 Datasheet
106Kb / 3P
   IB IL PD GND-PAC
logo
Belden Inc.
28629A BELDEN-28629A Datasheet
208Kb / 2P
   TC VN/PVC, 37 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28629A-0105000 BELDEN-28629A-0105000 Datasheet
208Kb / 2P
   TC VN/PVC, 37 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
More results

Descripción similar - 2862958

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2861959 PHOENIX-2861959 Datasheet
171Kb / 5P
   The illustration shows the version IB IL 24 DI 16
2860785 PHOENIX-2860785 Datasheet
187Kb / 5P
   The illustration shows the version IB IL 24 DI 32/HD-PAC
2692885 PHOENIX-2692885 Datasheet
169Kb / 5P
   The illustration shows the product version IB IL 24 DI 32/HD-PAC
2878243 PHOENIX-2878243 Datasheet
167Kb / 5P
   The illustration shows the product version IB IL 24 DI 32/HD-PAC
2862961 PHOENIX-2862961 Datasheet
191Kb / 5P
   The illustration shows the article IB IL 24 DO 16-PAC
2860934 PHOENIX-2860934 Datasheet
196Kb / 5P
   The illustration shows the version IB IL 24 Do 32/HD-PAC
2692898 PHOENIX-2692898 Datasheet
176Kb / 5P
   The illustration shows the version IB IL 24 Do 32/HD-PAC
2861894 PHOENIX-2861894 Datasheet
145Kb / 4P
   The illustration shows the version IB IL 24 PWR IN/F-PAC
2878340 PHOENIX-2878340 Datasheet
173Kb / 5P
   The illustration shows the version IB IL 24 Do 32/HD-PAC
2861700 PHOENIX-2861700 Datasheet
132Kb / 5P
   The figure shows the version IB IL 24 DO 2-2A-PAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com