Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2861483 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 2861483
Descripción Electrónicos  IB IL 24 DI 2-NPN-PAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2861483 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2861483 Datasheet HTML 1Page - PHOENIX CONTACT 2861483 Datasheet HTML 2Page - PHOENIX CONTACT 2861483 Datasheet HTML 3Page - PHOENIX CONTACT 2861483 Datasheet HTML 4Page - PHOENIX CONTACT 2861483 Datasheet HTML 5Page - PHOENIX CONTACT 2861483 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 8, 2011
Extract from the online
catalog
 
IB IL 24 DI 2-NPN-PAC
Order No.: 2861483
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2861483
 
 
Inline digital input terminal block, complete with accessories
(connector and labeling field), 2 inputs with negative logic, 24 V DC, 2,
3, 4-wire connection method
 
Commercial data
GTIN (EAN)
4
017918
894405
sales group
K411
Pack
1 pcs.
Customs tariff
85389091
Catalog page information
Page 270 (AX-2009)
Product notes
WEEE/RoHS-compliant since:
10/23/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Product description
The digital Inline input terminals are designed for the connection of digital signals as are supplied from control switches,
limit switches or proximity switches.
All the typical applications are covered by the standard automation terminals.
The I/O equipment is connected by a simple or an extended Inline connector, depending on the number of channels. The
multi-wire connection method is available in both cases.


Número de pieza similar - 2861483

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
28614 ETC2-28614 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2861409 PHOENIX-2861409 Datasheet
463Kb / 11P
Segmentation module - IB IL 24 SEG-ELF-PAC
Jan 11, 2023
2861412 PHOENIX-2861412 Datasheet
285Kb / 35P
IB IL AI 8/SF(-2MBD)-PAC
2861438 PHOENIX-2861438 Datasheet
142Kb / 4P
IB IL 24 PWR IN/F-PAC
2861441 PHOENIX-2861441 Datasheet
169Kb / 9P
IBS IL 24 RB-T-PAC
More results

Descripción similar - 2861483

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2861221 PHOENIX-2861221 Datasheet
176Kb / 6P
IB IL 24 DI 2-PAC
2861234 PHOENIX-2861234 Datasheet
171Kb / 6P
IB IL 24 DI 4-PAC
2861247 PHOENIX-2861247 Datasheet
182Kb / 6P
IB IL 24 DI 8-PAC
2861250 PHOENIX-2861250 Datasheet
104Kb / 9P
Inline terminal - IB IL 24 DI 16-PAC
2861470 PHOENIX-2861470 Datasheet
192Kb / 6P
IB IL 24 DO 2-PAC
2861496 PHOENIX-2861496 Datasheet
169Kb / 6P
IB IL 24 DO 2-NPN-PAC
2861917 PHOENIX-2861917 Datasheet
154Kb / 6P
IB IL 120 DI 1-PAC
2862204 PHOENIX-2862204 Datasheet
174Kb / 6P
IB IL 24 DI 8/T2-PAC
2862835 PHOENIX-2862835 Datasheet
189Kb / 6P
IB IL 24 DI 32/HD-PAC
2863520 PHOENIX-2863520 Datasheet
176Kb / 5P
IB IL 24 DI 16-NPN-PAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com