Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2861483 Datasheet(PDF) 3 Page - PHOENIX CONTACT

No. de pieza 2861483
Descripción Electrónicos  IB IL 24 DI 2-NPN-PAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2861483 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2861483 Datasheet HTML 1Page - PHOENIX CONTACT 2861483 Datasheet HTML 2Page - PHOENIX CONTACT 2861483 Datasheet HTML 3Page - PHOENIX CONTACT 2861483 Datasheet HTML 4Page - PHOENIX CONTACT 2861483 Datasheet HTML 5Page - PHOENIX CONTACT 2861483 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IB IL 24 DI 2-NPN-PAC Order No.: 2861483
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2861483
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Feb 8, 2011
Inline potential routing
Communications power UL
7.5 V DC
Current consumption from UL
max. 35 mA
Segment supply voltage US
24 V DC (nominal value)
Current consumption from US
max. 0.5 A
Digital inputs
Input name
Digital inputs
Description of the input
EN 61131-2 type 1
Type of connection
Spring-cage connection
Connection method
2, 3, 4-wire
Number of inputs
2
Typical response time
< 1 ms
Protective circuit
Short-circuit and overload protection
Input voltage
24 V DC (via voltage jumper)
Input voltage range "0" signal
-3 V DC ... 5 V DC
Input voltage range "1" signal
15 V DC ... 30 V DC
Certificates / Approvals
Certification
CUL, GOST, UL
Certification Ex:
CUL-EX LIS, UL-EX LIS
Accessories
Item
Designation
Description
Marking
0809492
ESL 62X10
Insert strip for laser printer, lettering field: 62 x 10 mm
2727501
IB IL FIELD 2
Labeling field, width: 12.2 mm
Plug/Adapter
2726337
IB IL SCN-8
Connector, for digital 1, 2 or 8-channel Inline terminals
2727608
IB IL SCN-8-CP
Inline connector, colored


Número de pieza similar - 2861483

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
28614 ETC2-28614 Datasheet
104Kb / 1P
   Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2861409 PHOENIX-2861409 Datasheet
463Kb / 11P
   Segmentation module - IB IL 24 SEG-ELF-PAC
Jan 11, 2023
2861412 PHOENIX-2861412 Datasheet
285Kb / 35P
   IB IL AI 8/SF(-2MBD)-PAC
2861438 PHOENIX-2861438 Datasheet
142Kb / 4P
   IB IL 24 PWR IN/F-PAC
2861441 PHOENIX-2861441 Datasheet
169Kb / 9P
   IBS IL 24 RB-T-PAC
More results

Descripción similar - 2861483

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2861221 PHOENIX-2861221 Datasheet
176Kb / 6P
   IB IL 24 DI 2-PAC
2863520 PHOENIX-2863520 Datasheet
176Kb / 5P
   IB IL 24 DI 16-NPN-PAC
2861234 PHOENIX-2861234 Datasheet
171Kb / 6P
   IB IL 24 DI 4-PAC
2861247 PHOENIX-2861247 Datasheet
182Kb / 6P
   IB IL 24 DI 8-PAC
2862835 PHOENIX-2862835 Datasheet
189Kb / 6P
   IB IL 24 DI 32/HD-PAC
2862204 PHOENIX-2862204 Datasheet
174Kb / 6P
   IB IL 24 DI 8/T2-PAC
2861250 PHOENIX-2861250 Datasheet
104Kb / 9P
   Inline terminal - IB IL 24 DI 16-PAC
2861496 PHOENIX-2861496 Datasheet
169Kb / 6P
   IB IL 24 DO 2-NPN-PAC
2861917 PHOENIX-2861917 Datasheet
154Kb / 6P
   IB IL 120 DI 1-PAC
2861470 PHOENIX-2861470 Datasheet
192Kb / 6P
   IB IL 24 DO 2-PAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com