Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2861221 Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza 2861221
Descripción Electrónicos  IB IL 24 DI 2-PAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2861221 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2861221 Datasheet HTML 1Page - PHOENIX CONTACT 2861221 Datasheet HTML 2Page - PHOENIX CONTACT 2861221 Datasheet HTML 3Page - PHOENIX CONTACT 2861221 Datasheet HTML 4Page - PHOENIX CONTACT 2861221 Datasheet HTML 5Page - PHOENIX CONTACT 2861221 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IB IL 24 DI 2-PAC Order No.: 2861221
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2861221
PHOENIX CONTACT Deutschland GmbH
Page 2 / 6
http://www.phoenixcontact.de
Feb 8, 2011
The Inline terminals can be labeled using pull-out labeling fields. The fields have insert cards that can be labeled
individually to suit the application. Additionally, there is the proven ZBFM-6... Zack marker strip for labeling the terminal
points.
Technical data
General data
Width
12.2 mm
Height
119.8 mm
Depth
71.5 mm
Note on dimensions
Housing dimensions
Weight
38 g
Note on weight specifications
Without plug
Mounting type
DIN rail
Ambient temperature (operation)
-25 °C ... 55 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Permissible humidity (operation)
10 % ... 95 % (according to DIN EN 61131-2)
Permissible humidity (storage/transport)
10 % ... 95 % (according to DIN EN 61131-2)
Air pressure (operation)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Test section
5 V supply incoming remote bus/7.5 V supply (bus logic) 500 V
AC 50 Hz 1 min
5 V supply outgoing remote bus/7.5 V supply (bus logic) 500 V
AC 50 Hz 1 min
7.5 V supply (bus logics)/24 V supply (I/O) 500 V AC 50 Hz 1 min
24 V supply (I/O) / functional earth ground 500 V AC 50 Hz 1 min
Interface
Name
Local bus
Type of connection
Inline data jumper
Transmission speed
500 kBaud
Power supply for module electronics
Supply voltage
24 V DC (via voltage jumper)
Supply voltage range
19.2 V DC ... 30 V DC (including all tolerances, including ripple)
Supply current
35 mA
Communications power UL
7.5 V (via voltage jumper)
Current consumption
max. 35 mA (from the local bus)


Número de pieza similar - 2861221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
28612 ETC2-28612 Datasheet
104Kb / 1P
   Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2861205 PHOENIX-2861205 Datasheet
155Kb / 5P
   IB IL 24 MUX MA-PAC
2861218 PHOENIX-2861218 Datasheet
155Kb / 5P
   IBS IL 24 BK-LK-PAC
2861234 PHOENIX-2861234 Datasheet
171Kb / 6P
   IB IL 24 DI 4-PAC
2861247 PHOENIX-2861247 Datasheet
182Kb / 6P
   IB IL 24 DI 8-PAC
More results

Descripción similar - 2861221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2861483 PHOENIX-2861483 Datasheet
167Kb / 6P
   IB IL 24 DI 2-NPN-PAC
2861234 PHOENIX-2861234 Datasheet
171Kb / 6P
   IB IL 24 DI 4-PAC
2861247 PHOENIX-2861247 Datasheet
182Kb / 6P
   IB IL 24 DI 8-PAC
2863520 PHOENIX-2863520 Datasheet
176Kb / 5P
   IB IL 24 DI 16-NPN-PAC
2862835 PHOENIX-2862835 Datasheet
189Kb / 6P
   IB IL 24 DI 32/HD-PAC
2862204 PHOENIX-2862204 Datasheet
174Kb / 6P
   IB IL 24 DI 8/T2-PAC
2861250 PHOENIX-2861250 Datasheet
104Kb / 9P
   Inline terminal - IB IL 24 DI 16-PAC
2861917 PHOENIX-2861917 Datasheet
154Kb / 6P
   IB IL 120 DI 1-PAC
2861470 PHOENIX-2861470 Datasheet
192Kb / 6P
   IB IL 24 DO 2-PAC
2861690 PHOENIX-2861690 Datasheet
433Kb / 11P
   Digital module - IB IL 24 DI 8-2MBD-PAC
Dec 30, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com