Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2861221 Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza 2861221
Descripción Electrónicos  IB IL 24 DI 2-PAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2861221 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2861221 Datasheet HTML 1Page - PHOENIX CONTACT 2861221 Datasheet HTML 2Page - PHOENIX CONTACT 2861221 Datasheet HTML 3Page - PHOENIX CONTACT 2861221 Datasheet HTML 4Page - PHOENIX CONTACT 2861221 Datasheet HTML 5Page - PHOENIX CONTACT 2861221 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 8, 2011
Extract from the online
catalog
 
IB IL 24 DI 2-PAC
Order No.: 2861221
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2861221
 
 
Inline digital input terminal block, complete with accessories
(connector and labeling field), 2 inputs, 24 V DC, 4-wire connection
method
 
Commercial data
GTIN (EAN)
4
017918
894153
sales group
K411
Pack
1 pcs.
Customs tariff
85389091
Catalog page information
Page 270 (AX-2009)
Product notes
WEEE/RoHS-compliant since:
06/01/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Product description
Digital Inline input terminals are designed for the connection of digital signals as are emitted from control switches, limit
switches or proximity switches.
All the typical applications are covered by the standard automation terminals.
The I/O equipment is connected using the Inline connector, providing you with multiple conductor connection technology.


Número de pieza similar - 2861221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
28612 ETC2-28612 Datasheet
104Kb / 1P
   Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2861205 PHOENIX-2861205 Datasheet
155Kb / 5P
   IB IL 24 MUX MA-PAC
2861218 PHOENIX-2861218 Datasheet
155Kb / 5P
   IBS IL 24 BK-LK-PAC
2861234 PHOENIX-2861234 Datasheet
171Kb / 6P
   IB IL 24 DI 4-PAC
2861247 PHOENIX-2861247 Datasheet
182Kb / 6P
   IB IL 24 DI 8-PAC
More results

Descripción similar - 2861221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2861483 PHOENIX-2861483 Datasheet
167Kb / 6P
   IB IL 24 DI 2-NPN-PAC
2861234 PHOENIX-2861234 Datasheet
171Kb / 6P
   IB IL 24 DI 4-PAC
2861247 PHOENIX-2861247 Datasheet
182Kb / 6P
   IB IL 24 DI 8-PAC
2863520 PHOENIX-2863520 Datasheet
176Kb / 5P
   IB IL 24 DI 16-NPN-PAC
2862835 PHOENIX-2862835 Datasheet
189Kb / 6P
   IB IL 24 DI 32/HD-PAC
2862204 PHOENIX-2862204 Datasheet
174Kb / 6P
   IB IL 24 DI 8/T2-PAC
2861250 PHOENIX-2861250 Datasheet
104Kb / 9P
   Inline terminal - IB IL 24 DI 16-PAC
2861917 PHOENIX-2861917 Datasheet
154Kb / 6P
   IB IL 120 DI 1-PAC
2861470 PHOENIX-2861470 Datasheet
192Kb / 6P
   IB IL 24 DO 2-PAC
2861690 PHOENIX-2861690 Datasheet
433Kb / 11P
   Digital module - IB IL 24 DI 8-2MBD-PAC
Dec 30, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com