Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2861221 Datasheet(PDF) 4 Page - PHOENIX CONTACT

No. de pieza 2861221
Descripción Electrónicos  IB IL 24 DI 2-PAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2861221 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2861221 Datasheet HTML 1Page - PHOENIX CONTACT 2861221 Datasheet HTML 2Page - PHOENIX CONTACT 2861221 Datasheet HTML 3Page - PHOENIX CONTACT 2861221 Datasheet HTML 4Page - PHOENIX CONTACT 2861221 Datasheet HTML 5Page - PHOENIX CONTACT 2861221 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IB IL 24 DI 2-PAC Order No.: 2861221
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2861221
PHOENIX CONTACT Deutschland GmbH
Page 4 / 6
http://www.phoenixcontact.de
Feb 8, 2011
1051029
ZB 6,QR:FORTL.ZAHLEN
Zack marker strip, 10-section, printed vertically: with consecutive
numbers 1 - 10, 11 - 20, and so on up to 491 - 500, color: white
1051045
ZB 6,QR:GLEICHE ZAHLEN
Zack marker, labeled vertically: 10-section, with identical numbers,
1/1/1, 2/2/2 etc. up to 1000/1000/1000, color: White
5060935
ZB 6/WH-100:UNBEDRUCKT
Zack strip, unprinted: For individual labeling with M-PEN, ZB-T
or CMS system, large batch, sufficient for labeling 1000 terminal
blocks, for a terminal width of 6.2 mm, color: White
1050499
ZB 6:SO/CMS
Zack strip, 10-section, divisible, special printing, marking
according to customer requirements
1051003
ZB 6:UNBEDRUCKT
Zack strip, unprinted, strips with 10 labels for individual labeling
with M-PEN or CMS system, for terminal block width: 6.2 mm,
color: white
0807193
ZBFM 6/OG:UNBEDRUCKT
Zack marker sheet, flat, unprinted: 100-section, 10 strips à 10
markers, sufficient for 100 terminal blocks, for all terminal blocks,
pitch 6.2 mm, labeling with M-PEN or CMS system, color: orange
0803618
ZBFM 6/WH:UNBEDRUCKT
Zack marker sheet, flat, unprinted: 100-section, 10 strips à 10
markers, sufficient for 100 terminal blocks, for all terminal blocks,
pitch 6.2 mm, labeling with M-PEN or CMS system, color: white
0803650
ZBFM 6:SO/CMS
Special printing, Zack marker sheet, flat, 100-section, divisible,
marking according to customer requirements
Plug/Adapter
2726337
IB IL SCN-8
Connector, for digital 1, 2 or 8-channel Inline terminals
2727608
IB IL SCN-8-CP
Inline connector, colored
Diagrams/Drawings
Connection diagram


Número de pieza similar - 2861221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
28612 ETC2-28612 Datasheet
104Kb / 1P
   Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2861205 PHOENIX-2861205 Datasheet
155Kb / 5P
   IB IL 24 MUX MA-PAC
2861218 PHOENIX-2861218 Datasheet
155Kb / 5P
   IBS IL 24 BK-LK-PAC
2861234 PHOENIX-2861234 Datasheet
171Kb / 6P
   IB IL 24 DI 4-PAC
2861247 PHOENIX-2861247 Datasheet
182Kb / 6P
   IB IL 24 DI 8-PAC
More results

Descripción similar - 2861221

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
2861483 PHOENIX-2861483 Datasheet
167Kb / 6P
   IB IL 24 DI 2-NPN-PAC
2861234 PHOENIX-2861234 Datasheet
171Kb / 6P
   IB IL 24 DI 4-PAC
2861247 PHOENIX-2861247 Datasheet
182Kb / 6P
   IB IL 24 DI 8-PAC
2863520 PHOENIX-2863520 Datasheet
176Kb / 5P
   IB IL 24 DI 16-NPN-PAC
2862835 PHOENIX-2862835 Datasheet
189Kb / 6P
   IB IL 24 DI 32/HD-PAC
2862204 PHOENIX-2862204 Datasheet
174Kb / 6P
   IB IL 24 DI 8/T2-PAC
2861250 PHOENIX-2861250 Datasheet
104Kb / 9P
   Inline terminal - IB IL 24 DI 16-PAC
2861917 PHOENIX-2861917 Datasheet
154Kb / 6P
   IB IL 120 DI 1-PAC
2861470 PHOENIX-2861470 Datasheet
192Kb / 6P
   IB IL 24 DO 2-PAC
2861690 PHOENIX-2861690 Datasheet
433Kb / 11P
   Digital module - IB IL 24 DI 8-2MBD-PAC
Dec 30, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com