Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A7MA Datasheet(PDF) 3 Page - Omron Electronics LLC

No. de pieza A7MA
Descripción Electrónicos  Thumbwheel Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7MA Datasheet(HTML) 3 Page - Omron Electronics LLC

  A7MA Datasheet HTML 1Page - Omron Electronics LLC A7MA Datasheet HTML 2Page - Omron Electronics LLC A7MA Datasheet HTML 3Page - Omron Electronics LLC A7MA Datasheet HTML 4Page - Omron Electronics LLC A7MA Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A7MA
A7MA
3
A7MA-2
■■
■■(-1)
A7MA-2
■■
■■-P2(-1)
Panel cutout
Note: 1. Unless otherwise specified, a tolerance of
± 0.4 mm applies to all dimensions.
2. Each model number applies to a single switch unit and not to the switch assembly as shown in the drawings.
No. of
A
B
units (n)
(6n + 8)
(6n + 10)
1
14 (0.55)
16 (0.63)
2
20 (0.79)
22 (0.87)
3
26 (1.02)
28 (1.10)
4
32 (1.26)
34 (1.34)
5
38 (1.50)
40 (1.57)
6
44 (1.73)
46 (1.81)
7
50 (1.97)
52 (2.05)
8
56 (2.20)
58 (2.28)
9
62 (2.44)
64 (2.52)
10
68 (2.68)
70 (2.76)
Note:
Dimension * is 19 for the switch with
output code “06” and 31 for the
switch with output code “07”


Número de pieza similar - A7MA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
Ultra-small Thumbwheel-operated Switches
More results

Descripción similar - A7MA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
Thumbwheel Switch
A7CN OMRON-A7CN Datasheet
493Kb / 6P
Thumbwheel Switch
A7F OMRON-A7F Datasheet
329Kb / 4P
SCSI Thumbwheel Switch
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
Thumbwheel Switches
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
Thumbwheel with Pushbutton
logo
ITT Industries
301100000 ITT-301100000 Datasheet
671Kb / 8P
Thumbwheel Switches
logo
Marki Microwave
TW-1 MARKIMICROWAVE-TW-1 Datasheet
223Kb / 1P
Connector Thumbwheel
logo
C&K Components
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
Thumbwheel Switches
2020
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com