Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N1136-X006 Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza 6N1136-X006
Descripción Electrónicos  High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 C Rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6N1136-X006 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 6N1136-X006 Datasheet HTML 2Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 3Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 4Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 5Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 6Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 7Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 8Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 9Page - Vishay Siliconix 6N1136-X006 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
6N1135/ 6N1136
Document Number 83909
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
7
Figure 15. Photo Current vs. Forward Current
Figure 16. Switching Time vs. Load Resistance
Figure 17. Switching Time vs. Load Resistance
0.01
0.10
1.00
10.00
100.00
IF – Forward Current ( mA )
17637
110
°C
50
°C
25
°C
0
°C
–55
°C
VCC = 5 V
normalized to
IF = 16 mA
0.0001
0.001
0.01
0.1
1
10
0
500
1000
1500
2000
2500
3000
0.0
0.5
1.0
1.5
2.0
2.5
RL – Load Resistance ( kΩ )
17638
VCC = VO = 5 V,
IF = 16 mA
Tamb = 25 °C
toff
ton
0
5000
10000
15000
20000
25000
0
5
10
15
20
RL – Load Resistance ( kΩ )
17639
VCC = VO = 5 V,
IF = 16 mA
Tamb = 25 °C
toff
ton
Figure 18. Propagation Delay vs. Ambient Temperature
Figure 19. Propagation Delay vs. Ambient Temperature
Figure 20. Small Signal CTR vs. Forward Current
0
200
400
600
800
1000
1200
1400
1600
1800
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( °C )
17588
VCC= 5 V, IF = 16 mA
RL = 1.9 kΩ, Tamb = 25 °C
tPLH ( 3V )
tPHL ( 3V )
tPHL ( 1.5V )
tPLH ( 1.5V )
0
500
1000
1500
2000
2500
3000
–55 –35 –15
5
25
45
65
85 105 125
Tamb – Ambient Temperature ( °C )
17589
Tamb = 25 °C, VCC= 5 V,
IF = 16 mA, RL = 4.1 kΩ
tPLH ( 3V )
tPHL ( 3V )
tPHL ( 1.5V )
tPLH ( 1.5V )
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10
15
20
25
IF – Forward Current ( mA )
17591
VCC = VO = 5 V,
RL = 100 Ω, RLED = 50 Ω,
Tamb = 25_C


Número de pieza similar - 6N1136-X006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
6N1136-X006 VISHAY-6N1136-X006 Datasheet
160Kb / 10P
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
More results

Descripción similar - 6N1136-X006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
6N1135 VISHAY-6N1135_08 Datasheet
160Kb / 10P
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output, 110 °C Rated
Rev. 1.6, 07-May-08
6N136 VISHAY-6N136_V01 Datasheet
221Kb / 10P
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
01-Jan-2022
6N135 VISHAY-6N135 Datasheet
224Kb / 10P
High Speed Optocoupler, 1 MBd, Photodiode with Transistor Output
Rev. 1.9, 02-Nov-15
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
SFH6136 VISHAY-SFH6136_V01 Datasheet
192Kb / 8P
High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
6N135 VISHAY-6N135_08 Datasheet
148Kb / 8P
High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
SFH6325 VISHAY-SFH6325_08 Datasheet
188Kb / 8P
High Speed Optocoupler, Dual Channel, 1 MBd, Transistor Output
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com