Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB91F525DWDPMC Datasheet(PDF) 270 Page - Cypress Semiconductor

No. de pieza MB91F525DWDPMC
Descripción Electrónicos  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DWDPMC Datasheet(HTML) 270 Page - Cypress Semiconductor

Back Button MB91F525DWDPMC Datasheet HTML 266Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 267Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 268Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 269Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 270Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 271Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 272Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 273Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 274Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 270 of 280
MB91520 Series
Page
Section
Change Results
Rev *C
2
Features
Peripheral Functions
The following sentence modified in I2C as following:
(Error)
< I2C >
2 channels ch.3 , ch.4
Standard mode/high-speed mode supported.
Standard mode (Max. 100kbps) / high-speed mode (Max. 400kbps) supported
(Correct)
< I2C >
2 channels ch.3 , ch.4
Standard mode/fast mode supported.
Standard mode (Max. 100kbps) / fast mode (Max. 400kbps) supported
5,6,7,8,9
,10
1. Product Lineup
The following *2 added as follows:
(Error)
Power supply
2.7 V to 5.5 V
(Correct)
Power supply
2.7 V to 5.5 V *2
5,6,7,8,9
,10
1. Product Lineup
The following sentence added as follows:
(Correct)
*2: Detection voltage of the external low voltage detection reset (initial) is
2.8V±8% (2.576V to 3.024V).
This detection voltage (2.576V) is below the minimum operation guarantee
voltage (2.7V).
Between this detection voltage and the minimum operation guarantee voltage,
MCU functions are not guaranteed except for the low voltage detector.
Note that although the detection level is below the minimum operation guarantee
voltage, the LVD reset factor flag is set as the voltage drops below the detection
level.
8, 9, 10,
1. Product Lineup
The following sentence modified in the bottom of Product lineup comparison
table as following:
(Error)
*1: Only channel 3 and channel 4 support the I2C (high-speed mode/standard
mode).
(Correct)
*1: Only channel 3 and channel 4 support the I2C (fast mode/standard mode).
11
1. Product Lineup
Added silicon version E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com