Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB91F525DWDPMC Datasheet(PDF) 225 Page - Cypress Semiconductor

No. de pieza MB91F525DWDPMC
Descripción Electrónicos  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DWDPMC Datasheet(HTML) 225 Page - Cypress Semiconductor

Back Button MB91F525DWDPMC Datasheet HTML 221Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 222Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 223Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 224Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 225Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 226Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 227Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 228Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 229Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 225 of 280
MB91520 Series
18. Errata
This section describes the errata for the MB91520 Series. Details include errata trigger conditions, scope of impact, available
workarounds, and silicon revision applicability. Contact your local Cypress Sales Representative if you have questions.
Part Numbers Affected
Part Number
MB91F522B/D/F/J/K/L
MB91F523B/D/F/J/K/L
MB91F524B/D/F/J/K/L
MB91F525B/D/F/J/K/L
MB91F526B/D/F/J/K/L
MB91F522/3/4/5/6 Qualification Status
Product Status: Production
Errata Summary
The following table defines the errata applicability to available MB91520 Series devices.
Items
Part Number
Silicon
Revision
Fix Status
[1]. Power-on Conditions is not enough
in the Datasheet Specification
MB91F522B/D/F/J/K/L
MB91F523B/D/F/J/K/L
MB91F524B/D/F/J/K/L
MB91F525B/D/F/J/K/L
MB91F526B/D/F/J/K/L
B, C
Will be fixed in production
silicon version D, E
[2]. Limitation for Watch mode (power
off)
B, C, D, E
-
1.
Power-on Conditions is not enough in the Datasheet Specification
■ Problem Definition
If the Power-On-Reset and Internal Low Voltage Detection are not generated, some port functions will not be available.
■ Parameters Affected
tOFF for Power off time on Power-on Conditions
VCC Power ramp rate on Power-on Conditions
■ Trigger Condition
When the power supply voltage to the MCU has been turned off but has not reached 0 V when the power supply voltage
is turned on again, MCU does not generate an internal power-on-reset signal (Power-On reset or Internal LVD reset).
Then, some port functions will not be available.
If below condition (1) or (2) or (3) is satisfied, Power-On Reset (Initialization-Reset signal) is generated and no problem
occurs.
(1) The VCC voltage is less than 200 mV for 50 ms or longer (tOFF)
(2) VCC Power ramp rate less than 4 mV/µs (dV/dt) until a voltage level for a safe Power-On detection is reached
(3) C-pin voltage is below 60 mV when VCC is turned on again



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com