Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB91F525DWDPMC Datasheet(PDF) 191 Page - Cypress Semiconductor

No. de pieza MB91F525DWDPMC
Descripción Electrónicos  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DWDPMC Datasheet(HTML) 191 Page - Cypress Semiconductor

Back Button MB91F525DWDPMC Datasheet HTML 187Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 188Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 189Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 190Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 191Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 192Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 193Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 194Page - Cypress Semiconductor MB91F525DWDPMC Datasheet HTML 195Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 191 of 280
MB91520 Series
Flash Memory
(1) Electrical Characteristics
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
–
200
800
ms
8 Kbytes sector*1,
excluding internal preprogramming time
–
300
1100
ms
8 Kbytes sector*1,
including internal preprogramming time
–
400
2000
ms
64 Kbytes sector*1,
excluding internal preprogramming time
–
700
3700
ms
64 Kbytes sector*1,
including internal preprogramming time
8-bit writing time
–
9
288
µs
Exclusive of overhead time at
system level*1
16-bit writing time
–
12
384
µs
Exclusive of overhead time at
system level*1
ECC writing time
–
9
288
µs
Exclusive of overhead time at
system level*1
Erase cycle*2/
Data retain time
1,000 cycles/
20 years,
10,000 cycles/
10 years,
100,000 cycles/
5 years
–
–
–
Average TA = +85 °C*3
*1: The guaranteed value for erasure up to 100,000 cycles.
*2: Number of erase cycles for each sector.
*3: This value comes from the technology qualification (using Arrhenius equation to translate high temperature measurements into
normalized value at + 85 °C).
(2) Notes
While the Flash memory is written or erased, shutdown of the external power (Vcc) is prohibited.
In the application system where Vcc might be shut down while writing or erasing, be sure to turn the power off by using an external
voltage detection function.
To put it concretely, after the external power supply voltage falls below the detection
voltage (VDL*), hold Vcc at 2.7 V or more within the duration calculated by the following expression:
Td*[µs] + (period of PCLK [µs] × 257) + 50 [µs]
*: See “4.AC Characteristics (8) Low-voltage detection (External low-voltage detection) ”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com