Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB91F525BKBPMC1 Datasheet(PDF) 144 Page - Cypress Semiconductor

No. de pieza MB91F525BKBPMC1
Descripción Electrónicos  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525BKBPMC1 Datasheet(HTML) 144 Page - Cypress Semiconductor

Back Button MB91F525BKBPMC1 Datasheet HTML 140Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 141Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 142Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 143Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 144Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 145Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 146Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 147Page - Cypress Semiconductor MB91F525BKBPMC1 Datasheet HTML 148Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 144 of 280
MB91520 Series
Oscillation clock frequency vs. Internal operation clock frequency
Internal operation clock frequency
Main Clock
PLL clock
Multiplied
by 1
Multiplied
by 2
Multiplied
by 3
Multiplied
by 4
...
Multiplied
by 19
Multiplied
by 20
Oscillation
clock frequency
4 MHz
2 MHz
4 MHz
8 MHz
12 MHz
16 MHz
...
76 MHz
80 MHz
Example of oscillation circuit
X1
X0
R=0Ω
C2=10pF
C1=10pF
4MHz
Note: As to the product with its clock supervisor
’s initial value is “ON”, when the oscillator is unable to start
within 20 ms from the stop state the clock supervisor will detect the oscillation stop. As a result, the CPU
moves to the fail safe operation.
Design your print circuit board so that the oscillator can start oscillation within 20 ms. Moreover, it is
recommended to be designed after the match evaluation of the circuit is requested to the departure
pendulum maker when the oscillation circuit is composed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com