Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RPA-GP-A-16-IPEX-25-G Datasheet(PDF) 1 Page - Raltron Electronics Corporation

No. de pieza RPA-GP-A-16-IPEX-25-G
Descripción Electrónicos  GPS ANTENNA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RALTRON [Raltron Electronics Corporation]
Página de inicio  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RPA-GP-A-16-IPEX-25-G Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  RPA-GP-A-16-IPEX-25-G Datasheet HTML 1Page - Raltron Electronics Corporation RPA-GP-A-16-IPEX-25-G Datasheet HTML 2Page - Raltron Electronics Corporation RPA-GP-A-16-IPEX-25-G Datasheet HTML 3Page - Raltron Electronics Corporation RPA-GP-A-16-IPEX-25-G Datasheet HTML 4Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GPS ANTENNA
RPA-GP-A-16-IPEX-25-G
page 1 of 4
R A LT R O N E L E C T R O N I C S  1 0 4 0 0 N . W. 3 3 r d S t r e e t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
Tel: +1-305-593-6033  Fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
Electrical Specifications
1. ANTENNA
Parameters
Specification
Unit
Frequency Range
1575.42 ± 1.023
MHz
VSWR, max
1.5
-
Bandwidth, min
5
MHz
Impedance
50
Gain (based on 70x70mm ground plane)
-3.0
dBic
Polarization
RHCP
-
Operating Temprature Range
-25 ~ +72
˚C
Storage Temperature Range
-45 ~ +85
˚C
2. LNA
Parameters
Specification
Unit
Frequency Range
1575.42 ± 1.023
MHz
DC Voltage
3.0 ± 0.3
V
Gain
18 ± 3
dB
VSWR, max
1.5
-
Noise Figure, max
1.5
dB
DC Current, typ
3.6 ± 1
mA
Antenna System (Including Cable and Connector)
Parameters
Specification
Unit
Frequency Range
1575.42 ± 1.023
V
VSWR, max
1.5
-
Gain
18 ± 3
dB
Cable Diameter
0.81 ± 0.1
mm
Connector
IPEX
-


Número de pieza similar - RPA-GP-A-16-IPEX-25-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Raltron Electronics Cor...
RPA-GP-A-17-IPEX-23-Y RALTRON-RPA-GP-A-17-IPEX-23-Y Datasheet
188Kb / 3P
   GPS ANTENNA
RPA-GP-A-17-IPEX-64-Y RALTRON-RPA-GP-A-17-IPEX-64-Y Datasheet
177Kb / 3P
   GPS ANTENNA
RPA-GP-A-18-IPEX-120-G RALTRON-RPA-GP-A-18-IPEX-120-G Datasheet
172Kb / 3P
   GPS ANTENNA
More results

Descripción similar - RPA-GP-A-16-IPEX-25-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsumi Electronics, Co...
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
   GPS Antenna
logo
Raltron Electronics Cor...
RPA-GP-866.5-P-25-G RALTRON-RPA-GP-866.5-P-25-G Datasheet
177Kb / 2P
   GPS ANTENNA
RPA-GP-1575-A-Y RALTRON-RPA-GP-1575-A-Y Datasheet
119Kb / 1P
   GPS ANTENNA
RST-GP-A-27-SMA-Y RALTRON-RST-GP-A-27-SMA-Y Datasheet
117Kb / 1P
   GPS ANTENNA
RPA-GP-A-17-IPEX-23-Y RALTRON-RPA-GP-A-17-IPEX-23-Y Datasheet
188Kb / 3P
   GPS ANTENNA
RPA-GP-A-17-IPEX-64-Y RALTRON-RPA-GP-A-17-IPEX-64-Y Datasheet
177Kb / 3P
   GPS ANTENNA
RPA-GP-A-18-IPEX-120-G RALTRON-RPA-GP-A-18-IPEX-120-G Datasheet
172Kb / 3P
   GPS ANTENNA
logo
Mitsumi Electronics, Co...
GPA-CG2C2 MITSUMI-GPA-CG2C2 Datasheet
58Kb / 2P
   GPS Antenna
GPA-CG201 MITSUMI-GPA-CG201 Datasheet
108Kb / 2P
   GPS Antenna
ANT-JX2 MITSUMI-ANT-JX2 Datasheet
49Kb / 2P
   GPS Antenna
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com