Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE21128 Datasheet (PDF) - NTE Electronics

NTE21128 Datasheet PDF - NTE Electronics
No. de pieza NTE21128
Descarga  NTE21128 Descarga

Tamaño del archivo   37.71 Kbytes
Page   6 Pages
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics
Descripción Electrónicos Integrated Circuit NMOS, 128K (16K x 8) UV EPROM

NTE21128 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
NTE21128 Datasheet PDF - NTE Electronics

No. de pieza NTE21128
Descarga  NTE21128 Click to download

Tamaño del archivo   37.71 Kbytes
Page   6 Pages
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics
Descripción Electrónicos Integrated Circuit NMOS, 128K (16K x 8) UV EPROM

NTE21128 Datasheet (HTML) - NTE Electronics

NTE21128 Datasheet HTML 1Page - NTE Electronics NTE21128 Datasheet HTML 2Page - NTE Electronics NTE21128 Datasheet HTML 3Page - NTE Electronics NTE21128 Datasheet HTML 4Page - NTE Electronics NTE21128 Datasheet HTML 5Page - NTE Electronics NTE21128 Datasheet HTML 6Page - NTE Electronics

NTE21128 Detalles de producto

Description:

The NTE21128 is a 131,072 bit UV erasable and electrically programmable memory EPROM in a 28–Lead DIP type package organized as 16,384 words by 8 bits. The transparent lid allows the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure.



Features:

• Access Time: 250ns

• Single 5V Supply Voltage

• Low Standby Current: 40mA Max

• TTL Compatible During Read and Program

• Fast Programming Algorithm

• Programming Voltage: 12V Typ



 




Número de pieza similar - NTE21128

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE211 NTE-NTE211 Datasheet
22Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver
NTE2114 NTE-NTE2114 Datasheet
29Kb / 4P
   Integrated Circuit MOS, Static 4K RAM, 300ns
NTE2114 NTE-NTE2114 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
NTE2117 NTE-NTE2117 Datasheet
165Kb / 1P
   MICROPROCESSOR & MEMORY CIRCUITS
More results


Descripción similar - NTE21128

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
   NMOS 128K 16K x 8 UV EPROM
M2716 STMICROELECTRONICS-M2716 Datasheet
91Kb / 9P
   NMOS 16K 2K x 8 UV EPROM
logo
NTE Electronics
NTE2716 NTE-NTE2716 Datasheet
34Kb / 5P
   Integrated Circuit NMOS, 16K UV Erasable PROM
NTE2708 NTE-NTE2708 Datasheet
30Kb / 4P
   Integrated Circuit NMOS, 8K UV EPROM, 450ns
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
STMicroelectronics
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
   NMOS 512K 64K x 8 UV EPROM
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
   NMOS 256K 32K x 8 UV EPROM
M2732A STMICROELECTRONICS-M2732A Datasheet
92Kb / 9P
   NMOS 32K 4K x 8 UV EPROM
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com