Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3EZ4.3D5 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

3EZ4.3D5 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
No. de pieza 3EZ4.3D5
Descarga  3EZ4.3D5 Descarga

Tamaño del archivo   3765.35 Kbytes
Page   3 Pages
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Descripción Electrónicos Complete Voltage Range 3.9 to 200 Volts

3EZ4.3D5 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
3EZ4.3D5 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza 3EZ4.3D5
Descarga  3EZ4.3D5 Click to download

Tamaño del archivo   3765.35 Kbytes
Page   3 Pages
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Descripción Electrónicos Complete Voltage Range 3.9 to 200 Volts

3EZ4.3D5 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

3EZ4.3D5 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 3EZ4.3D5 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 3EZ4.3D5 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd

3EZ4.3D5 Detalles de producto

VZ : 3.9 - 200 Volts
PD : 3 Watts

Features
* Complete Voltage Range 3.9 to 200 Volts
* High peak reverse power dissipation
* High reliability
* Low leakage current
* Pb / RoHS Free




Número de pieza similar - 3EZ4.3D5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
3EZ4.3D5 EIC-3EZ4.3D5 Datasheet
37Kb / 3P
   SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
3EZ4.3D5 JGD-3EZ4.3D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
logo
ON Semiconductor
3EZ4.3D5 ONSEMI-3EZ4.3D5 Datasheet
130Kb / 7P
   3 Watt DO??1 Surmetic 30 Zener Voltage Regulators
March, 2006 ??Rev. 4
logo
SynSemi, Inc.
3EZ4.3D5 SYNSEMI-3EZ4.3D5 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
3EZ4.3D5 NJSEMI-3EZ4.3D5 Datasheet
151Kb / 1P
   Ref/Reg Diode, P(D) = 1W
More results


Descripción similar - 3EZ4.3D5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bruckewell Technology L...
SZ103D BWTECH-SZ103D Datasheet
304Kb / 4P
   Complete Voltage Range 3.3 to 200 Volts
SZ153D BWTECH-SZ153D Datasheet
305Kb / 4P
   Complete Voltage Range 3.3 to 200 Volts
logo
Nanjing International G...
1SMB5913A DGNJDZ-1SMB5913A Datasheet
36Kb / 2P
   Complete Voltage Range 3.3 to 200 Volts
logo
Bruckewell Technology L...
SZ303D-SZ30D0 BWTECH-SZ303D-SZ30D0 Datasheet
496Kb / 5P
   Complete Voltage Range 3.3 to 200 Volts
1SMB5913A BWTECH-1SMB5913A Datasheet
500Kb / 5P
   Complete Voltage Range 3.3 to 200 Volts
logo
Shanghai Leiditech Elec...
1SMA4728A LEIDITECH-1SMA4728A Datasheet
253Kb / 2P
   Complete voltage range 3.3 to 100 volts
logo
WILLAS ELECTRONIC CORP
SR5150 WILLAS-SR5150 Datasheet
165Kb / 2P
   VOLTAGE RANGE 150 to 200 Volts CURRENT 5.0 Ampere
logo
Gaomi Xinghe Electronic...
MBR1035 GXELECTRONICS-MBR1035 Datasheet
332Kb / 2P
   Voltage Range 35 to 200 Volts Current 10.0 Amperes
logo
List of Unclassifed Man...
MMBD717WS ETC1-MMBD717WS Datasheet
450Kb / 3P
   Voltage Range 20 Volts Current 200 mA
logo
Shenzhen Taychipst Elec...
1N4942 TAYCHIPST-1N4942 Datasheet
630Kb / 2P
   VOLTAGE RANGE 200 TO 1000 VOLTS CUR RENT 1.0 AMPERE
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com