Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPFE240D25 Datasheet (PDF) - Crydom Inc.,

SPFE240D25 Datasheet PDF - Crydom Inc.,
No. de pieza SPFE240D25
Descarga  SPFE240D25 Descarga

Tamaño del archivo   625.52 Kbytes
Page   5 Pages
Fabricante Electrónico  CRYDOM [Crydom Inc.,]
Página de inicio  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Descripción Electrónicos SPF Series

SPFE240D25 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SPFE240D25 Datasheet PDF - Crydom Inc.,

No. de pieza SPFE240D25
Descarga  SPFE240D25 Click to download

Tamaño del archivo   625.52 Kbytes
Page   5 Pages
Fabricante Electrónico  CRYDOM [Crydom Inc.,]
Página de inicio  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Descripción Electrónicos SPF Series

SPFE240D25 Datasheet (HTML) - Crydom Inc.,

SPFE240D25 Datasheet HTML 1Page - Crydom Inc., SPFE240D25 Datasheet HTML 2Page - Crydom Inc., SPFE240D25 Datasheet HTML 3Page - Crydom Inc., SPFE240D25 Datasheet HTML 4Page - Crydom Inc., SPFE240D25 Datasheet HTML 5Page - Crydom Inc.,

SPFE240D25 Detalles de producto

SPF Series
   
• SIP SSR
• Ratings to 25A (forced air) @ 480 VAC
• SCR output for heavy industrial loads
• AC or DC control
• Zero-crossing (resistive loads) or random-fire (inductive loads) output




Número de pieza similar - SPFE240D25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Crydom Inc.,
SPFE240D25 CRYDOM-SPFE240D25 Datasheet
477Kb / 4P
   PCB Mount
SPFE240D25 CRYDOM-SPFE240D25 Datasheet
688Kb / 5P
   PCB Mount
SPFE240D25 CRYDOM-SPFE240D25 Datasheet
625Kb / 5P
   PCB Mount
SPFE240D25R CRYDOM-SPFE240D25R Datasheet
625Kb / 5P
   PCB Mount
More results


Descripción similar - SPFE240D25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
SPF LITTELFUSE-SPF Datasheet
462Kb / 6P
   SPF SERIES SOLAR FUSES
Rev: 113021
logo
PHOENIX CONTACT
2981457 PHOENIX-2981457 Datasheet
82Kb / 5P
   Coupling relay - PSR-SPF-24UC/URM/4X1/2X2
logo
Kemet Corporation
SPF-100-1R1A010 KEMET-SPF-100-1R1A010 Datasheet
81Kb / 1P
   KEMET, SPF, DC Line Filters, Common Mode, 1000 nH
logo
Pasternack Enterprises,...
PE3C6374-200CM PASTERNACK-PE3C6374-200CM Datasheet
853Kb / 6P
   Fire Rated N Male to N Male Low PIM Cable 200 cm Length Using SPF-500 Coax Using Times Microwave Parts
REV 1.1
PE3C6360-150CM PASTERNACK-PE3C6360-150CM Datasheet
751Kb / 5P
   Fire Rated N Male to N Male Low PIM Cable 150 cm Length Using SPF-250 Coax Using Times Microwave Parts
REV 1.2
PE3C6357-36 PASTERNACK-PE3C6357-36 Datasheet
735Kb / 5P
   Fire Rated 7/16 DIN Male to N Male Low PIM Cable 36 Inch Length Using SPF-250 Coax Using Times Microwave Parts
REV 1.2
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com