Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KS0105 Datasheet (PDF) - Samsung semiconductor

KS0105 Datasheet PDF - Samsung semiconductor
No. de pieza KS0105
Descarga  KS0105 Click to view

Tamaño del archivo   101.01 Kbytes
Page   8 Pages
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Descripción Electrónicos 32 CH COMMON DRIVER FOR DOT MATRIX LCD

KS0105 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
KS0105 Datasheet PDF - Samsung semiconductor

No. de pieza KS0105
Descarga  KS0105 Click to view

Tamaño del archivo   101.01 Kbytes
Page   8 Pages
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Descripción Electrónicos 32 CH COMMON DRIVER FOR DOT MATRIX LCD

KS0105 Datasheet (HTML) - Samsung semiconductor

KS0105 Datasheet HTML 1Page - Samsung semiconductor KS0105 Datasheet HTML 2Page - Samsung semiconductor KS0105 Datasheet HTML 3Page - Samsung semiconductor KS0105 Datasheet HTML 4Page - Samsung semiconductor KS0105 Datasheet HTML 5Page - Samsung semiconductor KS0105 Datasheet HTML 6Page - Samsung semiconductor KS0105 Datasheet HTML 7Page - Samsung semiconductor KS0105 Datasheet HTML 8Page - Samsung semiconductor

KS0105 Detalles de producto

INTRODUCTION
KS0105 is a LCD driver LSI which is fabricated by low power CMOS high voltage process technology. This device consists of timing generator circuit, 32 bit shift register and 32 bit driver.

FEATURE
• Power supply voltage: +5V±10%
• Supply voltage for display: 0~-5.5V(VEE)
• Applicable LCD duty; selectable 7 kinds (1/8, 1/12, 1/16, 1/24, 1/32, 1/48, 1/64)
• Interface
• Oscillator frequency can be set by adjusting external capacitor and resistor
• 64 QFP or bare chip available.

FUNCTION
• Dot matrix LCD common driver with 32 channel output
• Input /Output signal
    - Input: bias voltage (V1, V2, V5, V6, VEE)
    - Output; 32 channel waveform for LCD driving and segment driver control pulse.



Número de pieza similar - KS0105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Samsung semiconductor
Samsung semiconductor
KS0103 SAMSUNG-KS0103 Datasheet
567Kb / 17P
   CMOS DIGITAL INTERGRATED CIRCUIT
KS0104 SAMSUNG-KS0104 Datasheet
567Kb / 17P
   CMOS DIGITAL INTERGRATED CIRCUIT
KS0107B SAMSUNG-KS0107B Datasheet
157Kb / 17P
   64CH SEGMENT DRIVER FOR DOT MATRIX LCD
KS0108B SAMSUNG-KS0108B Datasheet
157Kb / 17P
   64CH SEGMENT DRIVER FOR DOT MATRIX LCD
Hantronix,Inc
Hantronix,Inc
KS0108B HANTRONIX-KS0108B_15 Datasheet
157Kb / 17P
   64CH SEGMENT DRIVER FOR DOT MATRIX LCD
More results

Descripción similar - KS0105

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Samsung semiconductor
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
   80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
S6A0065 SAMSUNG-S6A0065 Datasheet
116Kb / 12P
   40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
RAIO Technology Inc.
RAIO Technology Inc.
RA0086A RAIO-RA0086A Datasheet
181Kb / 6P
   80 CH Segment/Common Driver For Dot Matrix LCD Specification
Anpec Electronics Coropration
Anpec Electronics Corop...
APU0065 ANPEC-APU0065 Datasheet
136Kb / 11P
   40 CH Driver for Dot Matrix LCD
Samsung semiconductor
Samsung semiconductor
S6B0107 SAMSUNG-S6B0107 Datasheet
226Kb / 23P
   64CH COMMON DRIVER FOR DOT MATRIX LCD
OKI electronic componets
OKI electronic componet...
MSM5238 OKI-MSM5238 Datasheet
122Kb / 12P
   32-DOT LCD COMMON DRIVER
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
   DOT MATRIX LCD 64 DOT COMMON DRIVER
Samsung semiconductor
Samsung semiconductor
S6B0108 SAMSUNG-S6B0108 Datasheet
165Kb / 23P
   64 CH SEGMENT DRIVER FOR DOT MATRIX LCD
Sanyo Semicon Device
Sanyo Semicon Device
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
Sitronix Technology Co., Ltd.
Sitronix Technology Co....
ST7065C SITRONIX-ST7065C Datasheet
146Kb / 14P
   40CH Segment/Common Driver for Dot Matrix LCD
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz