Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BR9080AF-W Datasheet (PDF) - Rohm

BR9080AF-W Datasheet PDF - Rohm
No. de pieza BR9080AF-W
Descarga  BR9080AF-W Descarga

Tamaño del archivo   178.51 Kbytes
Page   13 Pages
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm
Descripción Electrónicos 8k, 16k bit EEPROMs for direct connection to serial ports

BR9080AF-W Datasheet (PDF)

Go To PDF Page Descarga Datasheet
BR9080AF-W Datasheet PDF - Rohm

No. de pieza BR9080AF-W
Descarga  BR9080AF-W Click to download

Tamaño del archivo   178.51 Kbytes
Page   13 Pages
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm
Descripción Electrónicos 8k, 16k bit EEPROMs for direct connection to serial ports

BR9080AF-W Datasheet (HTML) - Rohm

Back Button BR9080AF-W Datasheet HTML 1Page - Rohm BR9080AF-W Datasheet HTML 2Page - Rohm BR9080AF-W Datasheet HTML 3Page - Rohm BR9080AF-W Datasheet HTML 4Page - Rohm BR9080AF-W Datasheet HTML 5Page - Rohm BR9080AF-W Datasheet HTML 6Page - Rohm BR9080AF-W Datasheet HTML 7Page - Rohm BR9080AF-W Datasheet HTML 8Page - Rohm BR9080AF-W Datasheet HTML 9Page - Rohm BR9080AF-W Datasheet HTML 10Page - Rohm Next Button 

BR9080AF-W Detalles de producto

The BR9080A and BR9016A series are serial EEPROMs that can be connected directly to a serial port and can be erased and written electrically. Writing and reading is performed in word units, using four types of operation commands. Communication occurs though CS, SK, DI, and DO pins, WC pin control is used to initiate a write disabled state, enabling these EEPROMs to be used as one-time ROMs. During writing, operation is checked via the internal status check.

Features
1) BR9080AF-W / ARFV-W / ARFVM-W (8k bit) : 512 words ×16 bits
    BR9016AF-W / ARFV-W / ARFVM-W (16k bit) : 1024 words × 16bits
2) Single power supply operation
3) Serial data input and output
4) Automatic erase-before-write
5) Low current consumption
    Active (5V) : 5mA (max.)
    Standby (5V) : 3µA (max.)
6) Noise filter built into SK pin
7) Write protection when VCC is low Inhibition on inadvertant write with the WC pin.
8) SOP8 / SSOP-B8 / MSOP8
9) High reliability CMOS process
10) 100,000 ERASE / WRITE cycles
11) 10 years Data Retention

Applications
    Movie, camera, cordless telephones, car stereos, VCRs, TVs, DIP switches, and other battery-powered equipment requiring low voltage and low current




Número de pieza similar - BR9080AF-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080F ROHM-BR9080F Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080RFV ROHM-BR9080RFV Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
More results


Descripción similar - BR9080AF-W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9010 ROHM-BR9010 Datasheet
187Kb / 17P
   1, 2, and 4k bit EEPROMs for direct connection to serial ports
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C08B MICROCHIP-24C08B Datasheet
75Kb / 12P
   8K/16K 5.0V I 2 C O Serial EEPROMs
1996
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24LC08B MICROCHIP-24LC08B Datasheet
453Kb / 12P
   8K/16K I 2 C ??Serial EEPROMs in ISO Micromodules
1997
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Silicon Solu...
IS93C76A ISSI-IS93C76A Datasheet
81Kb / 13P
   8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
More results




Acerca de Rohm


Rohm Semiconductor es una compañía de semiconductores japoneses que fue fundada en 1958.

La compañía se especializa en el diseño y fabricación de una amplia gama de productos que incluyen gestión de energía, dispositivos de energía y circuitos integrados analógicos y de señal mixta.

Los productos de ROHM se utilizan en diversas aplicaciones, como Electrónica de Consumidor, Automotriz, Industrial y Telecomunicaciones.

La compañía es conocida por su enfoque en las tecnologías de ahorro de energía y su experiencia en diseño de baja potencia.

ROHM tiene operaciones en más de 20 países y es una de las compañías de semiconductores más grandes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com