Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T520Y477M006ATE035 Datasheet (PDF) - Kemet Corporation

T520Y477M006ATE035 Datasheet PDF - Kemet Corporation
No. de pieza T520Y477M006ATE035
Descarga  T520Y477M006ATE035 Descarga

Tamaño del archivo   77.54 Kbytes
Page   1 Pages
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation
Descripción Electrónicos Tantalum, Polymer Tantalum, T520, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, Height Max = 4mm

T520Y477M006ATE035 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
T520Y477M006ATE035 Datasheet PDF - Kemet Corporation

No. de pieza T520Y477M006ATE035
Descarga  T520Y477M006ATE035 Click to download

Tamaño del archivo   77.54 Kbytes
Page   1 Pages
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation
Descripción Electrónicos Tantalum, Polymer Tantalum, T520, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, Height Max = 4mm

T520Y477M006ATE035 Datasheet (HTML) - Kemet Corporation

T520Y477M006ATE035 Datasheet HTML 1Page - Kemet Corporation

T520Y477M006ATE035 Detalles de producto

FEATURES
• Polymer Cathode Technology
• Low ESR
• High Frequency Cap Retention
• No-Ignition Failure Mode
• Use Up to 90% of Rated Voltage (10% Derating) for part types ≤ 10 Volts
• Halogen Free Epoxy
• 100% Accelerated Steady State Aging
• Volumetrically Efficient
• Use Up to 80% of Rated Voltage (20% Derating) for part types > 10 Volts
• Capacitance 15 to 1000μF (±20%)
• Voltage 2V to 25V
• EIA Standard Case Sizes
• 100% Surge Current Tested
• Operating Temperature -55ºC to +105ºC
• Self Healing Mechanism
• RoHS Compiant & Leadfree Terminations (see www.kemet.com for lead transition)




Número de pieza similar - T520Y477M006ATE035

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
T520Y477M006ATE010 KEMET-T520Y477M006ATE010 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 10 mOhms, Height Max = 4mm
T520Y477M006ATE015 KEMET-T520Y477M006ATE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520Y477M006ATE018 KEMET-T520Y477M006ATE018 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 470 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 18 mOhms, 7343, Height Max = 4mm
T520Y477M006ATE025 KEMET-T520Y477M006ATE025 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 470 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 7343, Height Max = 4mm
More results


Descripción similar - T520Y477M006ATE035

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
T520Y477M006ATE025 KEMET-T520Y477M006ATE025 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 470 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 7343, Height Max = 4mm
T520Y477M006ATE010 KEMET-T520Y477M006ATE010 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 10 mOhms, Height Max = 4mm
T520Y477M006ATE018 KEMET-T520Y477M006ATE018 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 470 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 18 mOhms, 7343, Height Max = 4mm
T525Y477M006ATE035 KEMET-T525Y477M006ATE035 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T525, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 35 mOhms, Height Max = 4mm
T520X477M006ATE010 KEMET-T520X477M006ATE010 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 470 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 10 mOhms, 7343, Height Max = 4.3mm
T520X477M006ATE040 KEMET-T520X477M006ATE040 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 40 mOhms, Height Max = 4.3mm
T520D477M006ATE030 KEMET-T520D477M006ATE030 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 30 mOhms, Height Max = 3.1mm
T520X477M006ATE018 KEMET-T520X477M006ATE018 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 470 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 18 mOhms, 7343, Height Max = 4.3mm
T520D477M006ATE025 KEMET-T520D477M006ATE025 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T520, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, Height Max = 3.1mm
T520Y687M006ATE025 KEMET-T520Y687M006ATE025 Datasheet
80Kb / 1P
   T520, Tantalum, Polymer Tantalum, 680 uF, 20%, 6.3 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 25 mOhms, 7343, Height Max = 4mm
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com