Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NTE1248 Datasheet (PDF) - NTE Electronics

NTE1248 Datasheet PDF - NTE Electronics
No. de pieza NTE1248
Descarga  NTE1248 Descarga

Tamaño del archivo   22.83 Kbytes
Page   3 Pages
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics
Descripción Electrónicos Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demod

NTE1248 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
NTE1248 Datasheet PDF - NTE Electronics

No. de pieza NTE1248
Descarga  NTE1248 Click to download

Tamaño del archivo   22.83 Kbytes
Page   3 Pages
Fabricante Electrónico  NTE [NTE Electronics]
Página de inicio  http://www.nteinc.com
Logo NTE - NTE Electronics
Descripción Electrónicos Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demod

NTE1248 Datasheet (HTML) - NTE Electronics

NTE1248 Datasheet HTML 1Page - NTE Electronics NTE1248 Datasheet HTML 2Page - NTE Electronics NTE1248 Datasheet HTML 3Page - NTE Electronics

NTE1248 Detalles de producto

Description:

The NTE1248 is a phase lock loop (PLL) system monolithic integrated circuit in a 16–Lead DIP type package designed as an FM multiplex stereo demodulator.



Features:

A PLL for High Multiplex–Efficiency Operation.

Stable Operation at Low Voltages (VCC = 5.4V Min)

Low Lamp Lighting Level (6.5mV typ)

Separation Control Pin (Pin8)

Ability to Stop the VCO for Monaural Muting (Pin9)

Output Voltage Available with Low Loss (GV = –1dB typically)

Typically 0.3% Distortion

SCA Rejection Ratio (80dB)



Applications:

Stereo Radio Cassette Tape Recorders

Car Stereos

Home Stereos




Número de pieza similar - NTE1248

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE124 NTE-NTE124 Datasheet
23Kb / 2P
   Silicon NPN Transistor High Voltage Power Output
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
   Integrated Circuit Audio Power Amp, 5.5W
NTE1241 NTE-NTE1241 Datasheet
68Kb / 2P
   Integrated Circuit Head Coil/Meter Driver
NTE1242 NTE-NTE1242 Datasheet
21Kb / 2P
   Integrated Circuit FM/AM IF Amp, AM Converter
NTE1249 NTE-NTE1249 Datasheet
20Kb / 2P
   Integrated Circuit Balancd Modulator
More results


Descripción similar - NTE1248

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE1461 NTE-NTE1461 Datasheet
74Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Demod
NTE1657 NTE-NTE1657 Datasheet
25Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex
NTE1217 NTE-NTE1217 Datasheet
21Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) FM Multiplex Stereo Demodulator
NTE1560 NTE-NTE1560 Datasheet
18Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Multiplex Demodulator
NTE1484 NTE-NTE1484 Datasheet
61Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Demod
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE1206 NTE-NTE1206 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
NTE743 NTE-NTE743 Datasheet
24Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
logo
Daewoo Semiconductor
DBL1009 DAEWOO-DBL1009 Datasheet
226Kb / 4P
   PLL FM STEREO MULTIPLEX
DBL1035 DAEWOO-DBL1035 Datasheet
440Kb / 8P
   PLL FM STEREO MULTIPLEX
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com